Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8W-1C7T-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8W-1C7T-R
Description  Mini 280 terminal layout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8W-1C7T-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8W-1C7T-R Datasheet HTML 1Page - Omron Electronics LLC G8W-1C7T-R Datasheet HTML 2Page - Omron Electronics LLC G8W-1C7T-R Datasheet HTML 3Page - Omron Electronics LLC G8W-1C7T-R Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G8W
Automotive Mini 280 relay
■ Ratings
● Operation coil
● Switching area
■ Performance
■ Packing
Note: All values above are measured in early time under an ambient temperature of +20
C and humidity of 65% unless stated.
*1. The value stated is at maximum temperature in a guaranteed ambient temperature.
*2. Bounce time is not included.
*3. Measured at DC500V.
*4. Measured under 1mA of leak current, 50/60Hz for 1minute.
*5. Minimum Order Quantity is subject to change, please feel free to contact our sales representatives.
Rated
voltage
(V)
Coil resistance (
)
Rated
current
(mA)
Operating
voltage
(V)
Release
voltage
(V)
Service voltage
range
(V)
Rated power
consumption
(mW)
Between
terminals
Internal coil
Surge suppressor
resistance
DC 12
78
88
1/2W 680
154
8.0 or less
1.0 or more
DC10 to 16
1846
Item
Performance
Contact material
Silver alloy
Rated voltage
DC12V
Rated load
N.O. side
Resistance load, 35A
N.C. side
Resistance load, 20A
Inrush current
N.O. side
120A
N.C. side
40A
Continuous carry
current*1
N.O. side
35A
N.C. side
20A
Min. Carry / Switching Current
DC12V 1A
Item
Standard value
Voltage drop
between terminals
N.O. side
50mV or less, 10A
N.C. side
50mV or less, 10A
Operating time*2
Max. 10ms at 14V (Normally 5.6 ms)
Release time*2
Max. 10ms at 14V (Normally 1.4 ms)
Insulation
resistance*3
Between coil and terminal
20M
 or more
Between homopolar contacts
20M
 or more
Withstand voltage*4
Between coil and terminal
AC500V, for 1minute
Between homopolar contacts
AC500V, for 1minute
Vibration tolerance
Durability
33Hz 43.1m/s2
Malfunction
20 to 500Hz 43.1m/s2
Mechanical endurance
1,000,000 times
Electrical endurance
100,000 times
Ambient temperature
40 to +125C
Ambient humidity
35 to 95%RH
Weight
Approx. 34.0g
Packing form
Tray
MOQ*5
336pcs (48pcs to 7 trays)
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com