Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSH0201DTL250 Datasheet(PDF) 13 Page - Stackpole Electronics, Inc.

Part # CSSH0201DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0201DTL250 Datasheet(HTML) 13 Page - Stackpole Electronics, Inc.

Back Button CSSH0201DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 12Page - Stackpole Electronics, Inc. CSSH0201DTL250 Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev Date: 7/29/2022
13
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
RoHS Compliance Status
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined i
n the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the
requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
C
S
S
2
7
2
5
F
T
3
L
0
0
CSS
Ultra Precision Current Sensing
Chip Resistor
SMD
YES
100% Matte Sn over Ni
Always
Always
CSSH
Ultra Precision Current Sensing
Chip Resistor (High Power)
SMD
YES
100% Matte Sn over Ni
Always
Always
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series
RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Resistance Value
Code
Description
Size
W
Code
Tol
Code
Description
Size
Quantity
CSS
Metal Alloy
0201
0.2
D
0.5%
0201, 0402
10000
CSSH High Power
0402
0.33
F
1%
0603, 0508
0603
0.33
G
2%
0805, (H)0805
0805
0.5
J
5%
1206
4000
0508
1
2010, 2512
(H)0805
1
(H)2512
0.00025 ohm = L250
1206
1
2725, 2728
0.004 ohm = 4L00
2010
1
(H)2728,(H)3637
0.05 ohm = 50L0
2512
2
4527
500
0.12 ohm = R120
(H)2512
3
2728
3
2725
4
(H)2728
4
4527
5
(H)3637
7
Packaging
Product Series
Size
Tolerance
2000
1000
T
Plastic Tape
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier
of 10
-3 for any value under
0.1 ohm.
5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com