Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCBF3JB33R0 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # MCBF3JB33R0
Description  Ceramic Housed with Axial Leads Power Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MCBF3JB33R0 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  MCBF3JB33R0 Datasheet HTML 1Page - Stackpole Electronics, Inc. MCBF3JB33R0 Datasheet HTML 2Page - Stackpole Electronics, Inc. MCBF3JB33R0 Datasheet HTML 3Page - Stackpole Electronics, Inc. MCBF3JB33R0 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev Date: 4/13/2021
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CB / MCB Series
Ceramic Housed with Axial Leads Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
9
C
B
2
J
B
1
0
0
R
Resistance Value
Code
Description
Code
W
Code
Tol
Code Description
Product Code
Quantity
CB
Standard
2
2
J
5%
CB2, CB5, CBF5, MCB5
1500
MCB
Standard (Metal Oxide)
3
3
K
10%
CBF
With standoff
5
5
MCBF With standoff (Metal Oxide)
7
7
10
10
15
15
CBF15, MCBF15
912
0.056 ohm = 56L0
0.1 ohm = R100
33 ohm = 33R0
3.32 Kohm = 3K32
Bulk
Four characters with
the multiplier used as
the decimal holder.
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm
Product Series
Tolerance
Packaging
Power Rating
1000
CB3, CB7, CB10, CB15,
CBF3, MCB3, MCB7,
CBF10, MCB10, MCB15
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com