Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB0813 Datasheet(PDF) 77 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 73Page - STMicroelectronics SPSB0813 Datasheet HTML 74Page - STMicroelectronics SPSB0813 Datasheet HTML 75Page - STMicroelectronics SPSB0813 Datasheet HTML 76Page - STMicroelectronics SPSB0813 Datasheet HTML 77Page - STMicroelectronics SPSB0813 Datasheet HTML 78Page - STMicroelectronics SPSB0813 Datasheet HTML 79Page - STMicroelectronics SPSB0813 Datasheet HTML 80Page - STMicroelectronics SPSB0813 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
tdis DO L tri (1)
DO disable time
from low level to 3-
state
CL = 50 pF, Iload = 4
mA
pull-up load to V1
50
100
ns
B.029
ten DO tri H (1)
DO enable time
from tristate to high
level
CL = 50 pF, Iload = -1
mA
pull-down load to
GND
50
100
ns
B.030
td DO (1)
DO delay time
VDO < 0.3 V1 or
VDO > 0.7 V1,
CL = 50 pF
25
30
ns
B.031
1. Guaranteed by design.
Table 60. CSN timing
Symbol
Parameter
Condition
Min Typ Max Unit
Item
tCSN_HI,min
Minimum CSN HI time,
active mode
Transfer of SPI-command to input register
0.5
μs
B.032
tCSNfail (1)
CSN low timeout
20
35
50
ms
B.033
1. Guaranteed by design.
Figure 35. SPI – transfer timing diagram
The SPI can be driven by a microcontroller with its SPI peripheral running in the following mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and output data is changed
from the high to low transition of CLK.
SPSB081
SPI
DS14048 - Rev 1
page 77/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com