Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB0813 Datasheet(PDF) 115 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 111Page - STMicroelectronics SPSB0813 Datasheet HTML 112Page - STMicroelectronics SPSB0813 Datasheet HTML 113Page - STMicroelectronics SPSB0813 Datasheet HTML 114Page - STMicroelectronics SPSB0813 Datasheet HTML 115Page - STMicroelectronics SPSB0813 Datasheet HTML 116Page - STMicroelectronics SPSB0813 Datasheet HTML 117Page - STMicroelectronics SPSB0813 Datasheet HTML 118Page - STMicroelectronics SPSB0813 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 135 page
background image
Bit
Name
Description
Global Error (GSB bit 7)
7
MASK_FE
0 Functional Error conditions are not masked (default)
1 Functional Error conditions are masked
i.e. reported as a Functional Error (GSB bit 27) but not as a
Global Error (GSB bit 31)
6
MASK_DE
0 Device Error conditions are not masked (default)
1 Device Error conditions are masked
i.e. reported as a Device Error (GSB bit 2) but not as a
Global Error (GSB bit 7)
5
RES
Reserved
4
CAN_AUTO_BIAS
CAN automatic biasing activation
0: auto biasing disabled (default)
1: auto biasing enabled
3
DIR/WU2_EN(1)
Enable DIR input for direct drive of OUT1..4
0 WU2 configured as wake-up input (default)
1 DIR function enabled
2
V2_1
Voltage regulator V2 configuration:
0 0 : V2 OFF in all Modes (default)
0 1 : V2 ON in Active Mode; OFF in Standby Modes
1 0 : V2 ON in Active and V1 Standby Mode; OFF in VBAT_standby Mode
1 1 : V2 ON in all Modes
1
V2_0
0
RES
reserved
7.5
Status registers
Table 113. Status register SR1 (0x31)
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit
name
Access
R
R&C
R
R&C
Table 114. SR1 description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
WU2 WAKE
Shows wake-up source
SPSB081
Status registers
DS14048 - Rev 1
page 115/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com