Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8089GR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8089GR
Description  GPS/GLONASS/BeiDou/QZSS receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8089GR Datasheet HTML 17Page - STMicroelectronics STA8089GR Datasheet HTML 18Page - STMicroelectronics STA8089GR Datasheet HTML 19Page - STMicroelectronics STA8089GR Datasheet HTML 20Page - STMicroelectronics STA8089GR Datasheet HTML 21Page - STMicroelectronics STA8089GR Datasheet HTML 22Page - STMicroelectronics STA8089GR Datasheet HTML 23Page - STMicroelectronics STA8089GR Datasheet HTML 24Page - STMicroelectronics STA8089GR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
DS12849 Rev 1
21/30
STA8089GR
Electrical characteristics
29
Table 16 lists the DC characteristics for the 1.0 V IO digital buffers input buffers: STBYn
(24), STDBY_OUT (23), WAKEUP (26), TRSTn (3) and RSTn (25).
4.8
AC characteristics
4.8.1
RF electrical specifications
VOL
Low level output voltage
VDDIO = 1.8 V
—
0.4
V
VDDIO = 3.3V
—
0.4
V
VOH
High level output voltage
VDDIO = 1.8 V
VDDIO - 0.4
—
V
VDDIO = 3.3V
VDDIO - 0.4
—
V
1. Excludes oscillator inputs RTC_XTI and XTAL_IN. Refer to oscillator electrical specifications.
2. Apply to all digital inputs unless specified otherwise.
Table 16. 1.0 V I/O buffers DC characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Logical input low level voltage VOB = 1.0 V
-0.3
—
0.35 * VOB
V
VIH
Logical input high level voltage VOB = 1.0 V
0.65 * VOB
—VOB + 0.3
V
VOL
Low level output voltage
VOB = 1.0 V
—
0.2
V
VOH
High level output voltage
VOB = 1.0 V
VOB - 0.2
—
V
Table 15. I/O buffers DC characteristics (continued)
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
Table 17. RFCHAIN – GALGPS filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
Input return loss
GPS band
—
-8
dB
fIF
IF frequency
PLL in default condition with
26Mhz as reference
—
4.045
MHz
NF
Noise figure
NF overall chain with AGC set
at 0 dB
—2(1)
dB
CG
Conversion gain from
RF input to ADC input
VGA at max gain
—
119
dB
VGA at min gain
—
69
dB
IP1dB
RF-IF-VGA input
compression point
VGA min
—
-80
dBm
IRR
Image rejection ratio
—
20
dB
BWGPS
-3dB IF bandwidth
GPS mode
—
2.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com