Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSHH2512DTL250 Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # CSSHH2512DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSHH2512DTL250 Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  CSSHH2512DTL250 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSHH2512DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Rev Date: 7/29/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications (1206
– 3637)
0.025 ± 0.010
inches
0.65 ± 0.25
0.020 ± 0.010 0.020 ± 0.010
mm
0.51 ± 0.25
0.51 ± 0.25
inches
0.126 ± 0.010 0.063 ± 0.010 0.022 ± 0.010
mm
3.20 ± 0.25
1.60 ± 0.25
0.55 ± 0.25
0.024 ± 0.010 0.024 ± 0.010 inches
0.60 ± 0.25
0.60 ± 0.25
mm
0.020 ± 0.010 0.020 ± 0.010 inches
0.51 ± 0.25
0.51 ± 0.25
mm
0.031 ± 0.010 0.051 ± 0.010 0.051 ± 0.010 inches
0.200 ± 0.010 0.100 ± 0.010
0.79 ± 0.25
1.30 ± 0.25
1.30 ± 0.25
mm
5.08 ± 0.25
2.54 ± 0.25
0.025 ± 0.010 0.031 ± 0.010 0.031 ± 0.010 inches
0.65 ± 0.25
0.79 ± 0.25
0.79 ± 0.25
mm
0.031 ± 0.010 0.074 ± 0.010 0.074 ± 0.010 inches
0.246 ± 0.010 0.126 ± 0.010
0.79 ± 0.25
1.88 ± 0.25
1.88 ± 0.25
mm
6.25 ± 0.25
3.20 ± 0.25
0.025 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches
0.65 ± 0.25
1.12 ± 0.25
1.12 ± 0.25
mm
0.039 ± 0.010 0.080 ± 0.010 0.080 ± 0.010 inches
1.00 ± 0.25
2.02 ± 0.25
2.02 ± 0.25
mm
0.080 ± 0.010 0.080 ± 0.010 inches
2.02 ± 0.25
2.02 ± 0.25
mm
0.074 ± 0.010 0.074 ± 0.010 inches
1.88 ± 0.25
1.88 ± 0.25
mm
0.054 ± 0.010 0.054 ± 0.010 inches
1.37 ± 0.25
1.37 ± 0.25
mm
0.246 ± 0.010 0.126 ± 0.010 0.031 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches
6.25 ± 0.25
3.20 ± 0.25
0.79 ± 0.25
1.12 ± 0.25
1.12 ± 0.25
mm
0.074 ± 0.010 0.074 ± 0.010 inches
1.88 ± 0.25
1.88 ± 0.25
mm
0.066 ± 0.010 0.066 ± 0.010 inches
1.68 ± 0.25
1.68 ± 0.25
mm
0.026 ± 0.010 0.044 ± 0.010 0.044 ± 0.010 inches
0.65 ± 0.25
1.12 ± 0.25
1.12 ± 0.25
mm
0.039 ± 0.010 0.044 ± 0.010 0.004 ~ 0.039 inches
1.00 ± 0.25
1.12 ± 0.25
0.10 ~ 1.00
mm
T2
Bottom
Termination
0.002 - 0.004
0.005
Unit
Type/Code
Maximum Power
Rating
(W)
Resistance
Range
(Ω)
L
W
0.006 - 0.05
T1
Top
Termination
0.001
H
CSS1206
1
CSSH2512
3
0.0101 - 0.08
0.001 - 0.003
0.0031 - 0.1
CSS2010
1
CSS2512
2
0.0005 - 0.004
0.0041 - 0.075
0.0003
0.0006 - 0.0007
0.003 - 0.0035
0.0041 - 0.01
0.0005
0.00075
0.0008 - 0.0029
0.0036 - 0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com