Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090GA Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA8090GA
Description  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090GA Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA8090GA Datasheet HTML 24Page - STMicroelectronics STA8090GA Datasheet HTML 25Page - STMicroelectronics STA8090GA Datasheet HTML 26Page - STMicroelectronics STA8090GA Datasheet HTML 27Page - STMicroelectronics STA8090GA Datasheet HTML 28Page - STMicroelectronics STA8090GA Datasheet HTML 29Page - STMicroelectronics STA8090GA Datasheet HTML 30Page - STMicroelectronics STA8090GA Datasheet HTML 31Page - STMicroelectronics STA8090GA Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package and packing information
STA8090GA
28/32
DS10820 Rev 5
5
Package and packing information
5.1
ECOPACK® packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.2
VFQFPN56 8 x 8 mm package information
Table 25. VFQFPN56 package dimensions
Symbol
Min.
Typ.
Max
Common dimensions
A
0.80
0.85
0.90
A1
0.00
0.01
0.05
A2
0.60
0.65
0.70
A3
0.20 REF
Θ
012º
P
0.24
0.42
0.60
e
0.50 BSC
N56
L
0.30
0.40
0.50
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
b
0.20
0.25
0.30
b1
0.10
0.15
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com