Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8090WGR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA8090WGR
Description  GPS/Glonass/BeiDou2/QZSS ROM receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090WGR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA8090WGR Datasheet HTML 17Page - STMicroelectronics STA8090WGR Datasheet HTML 18Page - STMicroelectronics STA8090WGR Datasheet HTML 19Page - STMicroelectronics STA8090WGR Datasheet HTML 20Page - STMicroelectronics STA8090WGR Datasheet HTML 21Page - STMicroelectronics STA8090WGR Datasheet HTML 22Page - STMicroelectronics STA8090WGR Datasheet HTML 23Page - STMicroelectronics STA8090WGR Datasheet HTML 24Page - STMicroelectronics STA8090WGR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DS12835 Rev 1
21/32
STA8090WGR
Electrical characteristics
31
4.6
Recommended DC operating conditions
Table 13 lists the functional recommended operating DC parameters for STA8090WGR.
PMVR
Switchable area power;
(total VINL1)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C;
VINL1 = 1.8 V; UART
active; other peripherals
inactive
–90
–
mW
PLPVR
Always ON area power
(total VINB)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C; VINB = 3.3 V
–1
–
mW
PIO
IO rings power (total
VDDIO_R1 + VDDIO_R2)
fARM = 196 MHz;
fAHB = 49 MHz;
Tamb = 25 °C;
VINL1 = 1.8 V; UART
active; other peripherals
inactive
–4
–
mW
IDStandby
Standby mode supply
current
RTC
running = 32.768 kHz;
Tamb = 25 °C; VINB = 1.8 V
—29
—
μA
IDDeepStandby
Deep standby mode
supply current(1)
—7
—
μA
1. STDBY_OUT pin not supported in deep standby.
Table 12. Power consumption (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Table 13. Recommended DC operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC_CHAIN Analog supply voltage for RF chain (1.2 V)
1.08
1.20
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
1.08
1.20
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
1.08
1.20
1.32
V
VDD_SQI
Digital supply voltage for SQI I/O ring (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for SQI I/O ring (3.3 V)
3.00
3.30
3.60
V
VDDD
Power supply pins for the core logic.
1.00
1.10
1.32
V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for I/O ring 1 (3.3 V)
3.00
3.30
3.60
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
3.00
3.30
3.60
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
1.60
–
4.30
V
VINL1
LDO1 input supply voltage to generate 1.8 V
2.10
–
4.30
V
VINL2
LDO2 input supply voltage to generate 1.2 V
1.60
–
4.30
V
VINM
SMPS coil input supply voltage to generate 1.1 V
2.10
–
4.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com