Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7360KT470-LP Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # LP7360KT470-LP
Description  SMD Unshielded Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LP7360KT470-LP Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  LP7360KT470-LP Datasheet HTML 1Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 2Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 3Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 4Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 5Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 6Page - Stackpole Electronics, Inc. LP7360KT470-LP Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Rev Date: 10/03/2019
6
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LP Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reflow Chart:
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Mechanical Tests
Environmental Tests
RoHS Compliance Status
LP
Unshielded SMD Power Inductor
SMD
YES
100% Matte Sn
Aug-05
05/31
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Test
Test Specification
Test Condition
Temperature 85ºC ± 2°C
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Temperature -25ºC ± 2°C
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Temperature 40ºC ± 2°C, 90% ~ 95% relative humidity
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Tested after 1 hour at room temperature
High Temperature Storage Test
First -25°C 30 minutes, then 25°C 10 minutes, last 85°C
30 minutes, as 1 cycle. Go through 5 cycles
Low Temperature Storage Test
Humidity Test
Thermal Shock Test
No case deformation or change in
appearance.
Δ L/L ≤
10%
Test
Test Specification
Test Condition
Product with lead-free terminal:
Dip pads in flux then dip in solder pot at 245ºC ± 5°C for 3 seconds.
Vibration Test
Apply frequency 10 ~ 55 Hz 1.5 mm amplitude in each of
perpendicular direction for 2 hours.
Shock Resistance
Drop down with 981 m/s
2 (100 G) shock attitude upon a
rubber block method shock testing machine for
1 time in each of three orientations.
No case deformation or change in
appearance
Δ L/L ≤ 10%
Terminal area must have 90%
minimum solder coverage
Solderability Test
Flux should cover the whole of the sample before heating, then be
preheated for about 2 minutes over temperature of 130ºC ~ 150°C.
immersing to 260ºC ± 5 °C for 10 seconds.
No case deformation or change in
appearance
Resistance to Soldering Heat



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com