Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOR-G7L Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # FOR-G7L
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FOR-G7L Datasheet(HTML) 2 Page - Omron Electronics LLC

  FOR-G7L Datasheet HTML 1Page - Omron Electronics LLC FOR-G7L Datasheet HTML 2Page - Omron Electronics LLC FOR-G7L Datasheet HTML 3Page - Omron Electronics LLC FOR-G7L Datasheet HTML 4Page - Omron Electronics LLC FOR-G7L Datasheet HTML 5Page - Omron Electronics LLC FOR-G7L Datasheet HTML 6Page - Omron Electronics LLC FOR-G7L Datasheet HTML 7Page - Omron Electronics LLC FOR-G7L Datasheet HTML 8Page - Omron Electronics LLC FOR-G7L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
G7L
Power Relay
G
7
L
■Ordering Information
E-bracket/Adapter/Socket Mounting
Quick-connect Terminal
Upper Bracket Mounting
Quick-connect Terminal
E-bracket/Adapter Mounting
Screw Terminal
Upper Bracket Mounting
Screw Terminal
PCB Mounting
DIN Track Mounting Accessories
Note. Order the models above in increments of the minimum quantity packaged.
E-bracket/Adapter/Socket Mounting (with test button)
Quick-connect Terminal
Upper Bracket Mounting (with test button)
Quick-connect Terminal
E-bracket/Adapter Mounting (with test button)
Screw Terminal
Upper Bracket Mounting (with test button)
Screw Terminal
Note 1. When ordering, add the rated coil voltage to the model number.
Example: G7L-1A-T AC12
However, the notation of the coil voltage on the product case as well as
on the packing will be marked as
@@ VDC.
Note 2. Refer to the precautions on PCB Relays provided in General
Information of the Relay Product Data Book, and "w -
@-3" for coil
characteristics of AC operation.
E-bracket/Adaptor/Socket/Cover
Note. Order the models above in increments of the minimum quantity packaged.
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-T
AC: 12, 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48, 100
2 poles
G7L-2A-T
AC: 12, 24, 50, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-TUB
AC: 12, 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48, 100
2 poles
G7L-2A-TUB
AC: 12, 24, 50, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-B
AC: 12, 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48, 100
2 poles
G7L-2A-B
AC: 12, 24, 100/120, 200/240
DC: 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-BUB
AC: 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48, 100
2 poles
G7L-2A-BUB
AC: 12, 24, 50, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-P
AC: 100/120, 200/240
20 pcs./tray
DC: 12, 24, 48, 100
2 poles
G7L-2A-P
AC: 24, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Applicable products
Name
Model
Minimum
packing unit
Adaptor Surface
Connection Socket
DIN Track
PFP-100N
10 pcs.
PFP-50N
PFP-100N2
End plate
PFP-M
Spacer
PFP-S
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-TJ
AC: 24, 100/120, 200/240
20 pcs./tray
DC: 12, 24, 48, 100
2 poles
G7L-2A-TJ
AC: 24, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-TUBJ
AC: 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48, 100
2 poles
G7L-2A-TUBJ
AC: 12, 24, 50, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-BJ
AC: 12, 24, 100/120, 200/240
20 pcs./tray
DC: 12, 24
2 poles
G7L-2A-BJ
AC: 24, 100/120, 200/240
DC: 12, 24, 48, 100
Number
of poles
Model
Rated coil voltage
Minimum
packing unit
1 pole
G7L-1A-BUBJ
AC: 24, 100/120, 200/240
20 pcs./tray
DC: 6, 12, 24, 48
2 poles
G7L-2A-BUBJ
AC: 24, 100/120, 200/240
DC: 6, 12, 24, 48, 100
Applicable Relay
models
Name
Model
Minimum
packing unit
G7L-1A-T
G7L-1A-TJ
G7L-1A-B
G7L-1A-BJ
G7L-2A-T
G7L-2A-TJ
G7L-2A-B
G7L-2A-BJ
E-bracket
R99-07
10 pcs.
Adapter
P7LF-D
1 pcs.
G7L-1A-T
G7L-1A-TJ
G7L-2A-T
G7L-2A-TJ
Front-connecting
Socket
P7LF-06
1 pcs.
G7L-1A-B
G7L-1A-BJ
G7L-1A-BUB
G7L-1A-BUBJ
G7L-2A-B
G7L-2A-BJ
G7L-2A-BUB
G7L-2A-BUBJ
Cover
P7LF-C
1 pcs.
Rated coil voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com