Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF5A5.6LFU Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # DF5A5.6LFU
Description  Low Capacitance Q uad Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

DF5A5.6LFU Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  DF5A5.6LFU Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd DF5A5.6LFU Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd DF5A5.6LFU Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd DF5A5.6LFU Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev :
3/4
www.leiditech.com
Characteristic Curves
Figure 1. Pulse Width
Figure 2. 8 x 20
ms Pulse Waveform
100
10
1
1
10
100
1000
t, TIME (ms)
1000
NOTE: Non−Repetitive Surge.
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2@20US
100
90
80
70
60
50
40
30
20
10
0
0
1.0
3.0
5.0
BIAS VOLTAGE (VOLTS)
4.0
2.0
100
90
80
70
60
50
40
30
20
10
00
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Pulse Derating Curve
Figure 4. Capacitance
Figure 5. Forward Voltage
Figure 6. Clamping Voltage versus Peak
Pulse Current (Reverse Direction)
0.6
0.7
0.8
0.9
0.001
0.01
1.0
VF, FORWARD VOLTAGE (VOLTS)
100
10
1.0
0
5.0
10
20
30
VC, CLAMPING VOLTAGE (VOLTS)
25
1.0
1.1
1.2
0.1
15
2.5
ms SQUARE WAVE
DF5A5.6LFU
01.06.2018



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com