Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3843AM Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # KA3843AM
Description  Current���� Mode��PWM��Cont roller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA3843AM Datasheet(HTML) 1 Page - Wing Shing Computer Components

  KA3843AM Datasheet HTML 1Page - Wing Shing Computer Components KA3843AM Datasheet HTML 2Page - Wing Shing Computer Components KA3843AM Datasheet HTML 3Page - Wing Shing Computer Components KA3843AM Datasheet HTML 4Page - Wing Shing Computer Components KA3843AM Datasheet HTML 5Page - Wing Shing Computer Components KA3843AM Datasheet HTML 6Page - Wing Shing Computer Components KA3843AM Datasheet HTML 7Page - Wing Shing Computer Components KA3843AM Datasheet HTML 8Page - Wing Shing Computer Components KA3843AM Datasheet HTML 9Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Current Mode PWM Controller
1
PIN
CONNECTION
(TOP VIEW)
DESCRIPTION
are fixed frequency current mode PWM
controller. They are specially designed for OFF
−Line and DC to DC converter applications
with a minimal external components. Internally implemented circuits include a trimmed
oscillator for precise duty cycle control, a temperature compensated reference, high gain
error amplifier, current sensing comparator, and a high current totempole output ideally
suited for driving a power MOSFET. Protection circuitry includes built undervoltage lockout
and current limiting.
The corresponding thresholds for the
can operate within 100% duty cycle.
has Start-Up Current 0.17mA (typ).
FEATURES
• Low Start-Up and Operating Current
• High Current Totem Pole Output
• Undervoltage Lockout With Hysteresis
• Operating Frequency Up To
BLOCK DIAGRAM
Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Supply Voltage (low impedance
source)
VCC
30
V
Output Current
IO
±1
A
Input Voltage (Analog Inputs pins 2,3)
VI
−0.3 to 5.5
V
Error Amp Output Sink Current
ISINK (E.A)
10
mA
Power Dissipation (TA=250C)
PO
1
W
Storage Temperature Range
Tstg
-65 to150
oC
Lead Temperature (soldering 5 sec.)
TL
260
oC
KA3843A(AM)
The KA3843AM
The KA3843AM are 8.4V(on) and 7.6V (off)
The KA3843AM
The KA3843AM
500KHz


Similar Part No. - KA3843AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
SMPS Controller
KA3843ACD FAIRCHILD-KA3843ACD Datasheet
47Kb / 6P
SMPS Controller
More results

Similar Description - KA3843AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2842AQ TI-UC2842AQ Datasheet
591Kb / 15P
CURRENT-MODE PWM CONTROLLER
logo
ADDtek Corp
AMC3842B ADDTEK-AMC3842B Datasheet
216Kb / 11P
CURRENT MODE PWM CONTROLLER
OCTOBER 2006
logo
Omron Electronics LLC
E5CS-X OMRON-E5CS-X Datasheet
173Kb / 12P
Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
logo
Fairchild Semiconductor
FDMS6681Z FAIRCHILD-FDMS6681Z Datasheet
244Kb / 7P
P-Channel PowerTrench짰MOSFET -30 V, -49 A, 3.2 m��
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
UC1846J883B TI1-UC1846J883B Datasheet
3Mb / 15P
Current Mode PWM Controller
UC1846 TI1-UC1846_13 Datasheet
3Mb / 13P
Current Mode PWM Controller
UC1843-DIE TI-UC1843-DIE Datasheet
54Kb / 4P
CURRENT MODE PWM CONTROLLER
logo
Anpec Electronics Corop...
APX7311 ANPEC-APX7311 Datasheet
567Kb / 26P
Three-Phase Sine-Wave Brushless DC Motor Cont roller
logo
Generalplus Technology ...
GPC10096A GENERALPLUS-GPC10096A Datasheet
401Kb / 15P
Sound Cont roller with 96KB ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com