Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGME3JB1K00 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # MGME3JB1K00
Description  High Voltage Metal Glaze Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MGME3JB1K00 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  MGME3JB1K00 Datasheet HTML 1Page - Stackpole Electronics, Inc. MGME3JB1K00 Datasheet HTML 2Page - Stackpole Electronics, Inc. MGME3JB1K00 Datasheet HTML 3Page - Stackpole Electronics, Inc. MGME3JB1K00 Datasheet HTML 4Page - Stackpole Electronics, Inc. MGME3JB1K00 Datasheet HTML 5Page - Stackpole Electronics, Inc. MGME3JB1K00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 5/4/2022
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MG / MGM / MGE / MGME Series
High Voltage Metal Glaze Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Power Derating Curve:
Test
Test Specification
Test Condition
Insulation Resistance
±10,000 MΩ over
500 ± 50V DC during 1 minute, V-Block method
Resistance to Soldering Heat
±(1% + 0.05Ω)
260ºC ± 5ºC, 2 seconds ± 1 second
Terminal Strength
Tensile: ≥ 2.5 Kg
Direct load for 10 seconds, in the direction of the terminal leads
Discharge Test: 0.01uf capacitor discharge pulse 10 times
(1 pulse / 5 seconds max.)
Operating Temperature Range: -55ºC to +175ºC
4 times RCWV for 10000 cycles
(1 second ON, 25 seconds OFF)
Intermittent Overload
±(1% + 0.05Ω)
RCWV (Rated Continuous Working Voltage) =
No abnormality in coatings
and markings
Resistance to Solvent
IPA for 5 ± 0.5 minutes with ultrasonic
±(10% + 0.05Ω)
Anti-surge Characteristics
1000 hours at rated voltage, 70ºC
90 minutes ON and 30 minutes OFF
Load Life
±(3% + 0.05Ω)
by type
(see Electrical Specification Chart)
by type
(see Electrical Specification Chart)
Temperature Coefficient (TCR)
Resistance value at room temperature
Dielectric Withstanding Voltage
In V-Block for 60 seconds
Rated Voltage x 2.5 or Max. Overload Voltage,
whichever is lower, for 5 seconds
±(1% + 0.05Ω)
Short Time Overload
40ºC ± 2ºC, 90% ~ 95% R.H., 1000 hours (for epoxy resin)
90 minutes ON and 30 minutes OFF
±(5% + 0.05Ω)
Moisture Resistance
DC
Source
C=0.01uF
10K
Ω
Rx
SW
2.5 sec ON
2.5 sec OFF
√ P*R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com