Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGME3JB1M00 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MGME3JB1M00
Description  High Voltage Metal Glaze Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MGME3JB1M00 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MGME3JB1M00 Datasheet HTML 1Page - Stackpole Electronics, Inc. MGME3JB1M00 Datasheet HTML 2Page - Stackpole Electronics, Inc. MGME3JB1M00 Datasheet HTML 3Page - Stackpole Electronics, Inc. MGME3JB1M00 Datasheet HTML 4Page - Stackpole Electronics, Inc. MGME3JB1M00 Datasheet HTML 5Page - Stackpole Electronics, Inc. MGME3JB1M00 Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 5/4/2022
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MG / MGM / MGE / MGME Series
High Voltage Metal Glaze Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
High voltage capability from 1600V to 7000V
Inexpensive high voltage leaded resistor solution
High resistance values up to 500M
Tolerances as low as 1%; TCRs as low as 50 ppm/ºC
Flameproof coating (brown) standard
Epoxy coating (blue) available up to 2W
MGE and MGME denote alternate epoxy coating instead of silicone
100% RoHS compliant and lead free without exemption
Halogen free
REACH compliant
0.248 ± 0.020
0.091 ± 0.012
1.102 ± 0.079
0.022 ± 0.001
inches
6.30 ± 0.50
2.30 ± 0.30
28.00 ± 2.00
0.55 ± 0.03
mm
0.354 ± 0.020
0.126 ± 0.020
1.024 ± 0.079
0.026 ± 0.001
inches
9.00 ± 0.50
3.20 ± 0.50
26.00 ± 2.00
0.65 ± 0.03
mm
0.453 ± 0.039
0.157 ± 0.020
0.945 ± 0.079
0.031 ± 0.001
inches
11.50 ± 1.00
4.00 ± 0.50
24.00 ± 2.00
0.78 ± 0.03
mm
0.610 ± 0.039
0.197 ± 0.020
1.260 ± 0.079
0.031 ± 0.001
inches
15.50 ± 1.00
5.00 ± 0.50
32.00 ± 2.00
0.78 ± 0.03
mm
0.248 ± 0.020
0.091 ± 0.012
1.102 ± 0.079
0.022 ± 0.001
inches
6.30 ± 0.50
2.30 ± 0.30
28.00 ± 2.00
0.55 ± 0.03
mm
0.354 ± 0.020
0.157 ± 0.020
1.024 ± 0.079
0.026 ± 0.001
inches
9.00 ± 0.50
4.00 ± 0.50
26.00 ± 2.00
0.65 ± 0.03
mm
0.453 ± 0.039
0.177 ± 0.020
1.378 ± 0.079
0.031 ± 0.001
inches
11.50 ± 1.00
4.50 ± 0.50
35.00 ± 2.00
0.78 ± 0.03
mm
0.610 ± 0.039
0.197 ± 0.020
1.260 ± 0.079
0.031 ± 0.001
inches
15.50 ± 1.00
5.00 ± 0.50
32.00 ± 2.00
0.78 ± 0.03
mm
MG14
MG12
MGM2
Type/Code
MGM3
MG1
MG2
MGM12
MGM1
Body Length
Body Diameter
Lead Length (Bulk)
Lead Diameter
A
B
C
D
Unit
Electrical Specifications
Mechanical Specifications
Maximum
Type/Code
Working
Voltage (V)
Silicone
Epoxy
1%, 5%, 10%
MG14
0.25
1600
2000
400
500
MG12
0.5
3500
4000
500
700
MG1
1
4500
5000
500
1000
MG2
2
7000
14000
700
1200
MGM12
0.5
1700
2500
400
500
MGM1
1
4000
4500
500
700
MGM2
2
5000
10000
500
1000
MGM3
3
7000
14000
700
1200
Ohmic Range (
Ω) and Tolerance
Power Rating
(W)
@ 70ºC
Dielectric Withstanding
Voltage (V)
± 100
Maximum
Overload
Voltage (V)
TCR (ppm/ºC)
(1)
(1) ±50 ppm/ºC available for some values and sizes. Contact Stackpole.
100K - 500M


Similar Part No. - MGME3JB1M00

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
MGM 12 BOPLA-MGM 12 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 16 BOPLA-MGM 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 20 BOPLA-MGM 20 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 25 BOPLA-MGM 25 Datasheet
2Mb / 22P
Cable glands / General Accessories
MGM 32 BOPLA-MGM 32 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MGME3JB1M00

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
ARG IRCTT-ARG Datasheet
154Kb / 1P
High Power Metal Glaze??Resistor
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
Metal Glaze??Cylindrical Official Size Power Resistor
GF-07D1002F IRCTT-GF-07D1002F Datasheet
218Kb / 2P
Thick Film Metal Glaze Resistor
PWRG51202J IRCTT-PWRG51202J Datasheet
156Kb / 2P
General Purpose Power Metal Glaze Resistor
RL05C1001FS IRCTT-RL05C1001FS Datasheet
152Kb / 3P
Established Reliability Mil-Qualified Metal Glaze Resistor
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
High Voltage Metal Glaze Film Resistors
logo
List of Unclassifed Man...
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
Precision Mil-Qualified Metal Glaze Resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com