Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA802 Datasheet(PDF) 8 Page - STMicroelectronics

Part # FDA802
Description  2x150 W/1x300 W class D digital input automotive power amplifier with diagnostics features and low voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button FDA802 Datasheet HTML 4Page - STMicroelectronics FDA802 Datasheet HTML 5Page - STMicroelectronics FDA802 Datasheet HTML 6Page - STMicroelectronics FDA802 Datasheet HTML 7Page - STMicroelectronics FDA802 Datasheet HTML 8Page - STMicroelectronics FDA802 Datasheet HTML 9Page - STMicroelectronics FDA802 Datasheet HTML 10Page - STMicroelectronics FDA802 Datasheet HTML 11Page - STMicroelectronics FDA802 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package information
FDA802
8/12
DocID030734 Rev 2
Table 3. LQFP64 (10x10x1.4 mm exp. pad up) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Ө
0°
3.5°
6°
Ө1
0°
9°
12°
Ө2
11°
12°
13°
Ө3
11°
12°
13°
A
-
-
1.49
A1
-0.04
-
0.04
A2
1.35
1.4
1.45
b
-
-
0.27
b1
0.17
0.20
0.23
c
0.09
-
0.20
c1
0.09
0.127
0.16
D
12.00 BSC
D1(1) (2)
10.00 BSC
D2
See VARIATIONS
e
0.50 BSC
E
12.00 BSC
E1(1) (2)
10.00 BSC
E2
See VARIATIONS
L
0.45
0.60
0.75
L1
1.00 REF
N
-
64
-
R1
0.08
-
-
R2
0.08
-
0.20
S
0.20
-
-
Tolerance of form and position
aaa
-
0.20
-
bbb
-
0.20
-
ccc
-
0.08
-
ddd
-
0.08
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com