Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA660 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA660
Description  DAB/DAB/DMB-A multi-standard digital radio decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA660 Datasheet(HTML) 1 Page - STMicroelectronics

  STA660 Datasheet HTML 1Page - STMicroelectronics STA660 Datasheet HTML 2Page - STMicroelectronics STA660 Datasheet HTML 3Page - STMicroelectronics STA660 Datasheet HTML 4Page - STMicroelectronics STA660 Datasheet HTML 5Page - STMicroelectronics STA660 Datasheet HTML 6Page - STMicroelectronics STA660 Datasheet HTML 7Page - STMicroelectronics STA660 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GADG2102191211PS
TFBGA289
Features
•
AEC-Q100 qualified
•
DAB/DAB+/DMB-A digital radio channel decoding
•
Multi-standard digital radio source decoding
•
Simultaneous reception of two DAB channels
•
Two LVDS/I2S interfaces for receiving DAB baseband signals
•
SDRAM interface (16 bit data bus)
•
I2S input/output digital audio interfaces
•
SPI interface
•
UART interface
•
1.2 V core supply, 3.3 V I/O
•
TFBGA289 package
Description
STA660 is an ARM-based and DSP-based system-on-chip able to receive and
decode DAB baseband digital signals and with embedded application SW making it
suitable for several different radio application use-cases.
The digital radio standards supported by STA660 are: DAB (ETSI EN 300 401),
DAB+ (ETSI TS 102 563) and DMB (ETSI TS 102 428).
Product status link
STA660
Product summary
Order code
Package
Packing
STA660
TFBGA289
Tray
STA660TR
Tape & Reel
DAB/DAB+/DMB-A multi-standard digital radio decoder
STA660
Data brief
DB3863 - Rev 1 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA660

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STA6610 SAMHOP-STA6610 Datasheet
118Kb / 6P
Dual N-Channel E nhancement Mode F ield E ffect Transistor
STA6611 SAMHOP-STA6611 Datasheet
180Kb / 10P
Dual Enhancement Mode Field Effect Transistor ( N and P Channel)
STA6620 SAMHOP-STA6620 Datasheet
117Kb / 6P
Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - STA660

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
logo
List of Unclassifed Man...
GYRO-1123D ETC2-GYRO-1123D Datasheet
70Kb / 1P
DAB/DAB-IP/T-DMB USB Dongle
logo
Microtune,Inc
MT1502EDC MICROTUNE-MT1502EDC Datasheet
222Kb / 2P
DAB/DMB TUNER
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
DAB Digital Processing Device
ATR2740M1 ATMEL-ATR2740M1 Datasheet
195Kb / 8P
DAB Digital Processing Device
logo
Silicon Laboratories
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4684-A10 SILABS-SI4684-A10 Datasheet
997Kb / 3P
Single-Chip, FM/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
logo
STMicroelectronics
STA709 STMICROELECTRONICS-STA709 Datasheet
194Kb / 7P
AM/FM/HD-Radio??DAB automotive digital output tuner
Rev 2 - November 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com