Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA75610DLVPD Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA75610DLVPD Datasheet HTML 25Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 26Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 27Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 28Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 29Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 30Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 31Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 32Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DocID024175 Rev 8
29/37
TDA75610DLVPD
Software specifications
10
Software specifications
All the functions of the TDA75610DLVPD are activated by I2C interface.
The bit 0 of the "ADDRESS BYTE" defines if the next bytes are write instruction (from µP to
TDA75610DLVPD) or read instruction (from TDA75610DLVPD to µP).
Chip address
X = 0 Write to device
X = 1 Read from device
If R/W = 0, the µP sends 2 "Instruction Bytes": IB1 and IB2.
(*) address selector bit, please refer to address selection description on Chapter 9.2.
D7
D0
11011
(*)
(*)
X
D8 Hex
Table 7. IB1
Bit
Instruction decoding bit
D7
Supply transition mute threshold high (D7 = 1) (7 - 8 V)
Supply transition mute threshold low (D7 = 0) (5 - 6 V)
D6
Diagnostic enable (D6 = 1)
Diagnostic defeat (D6 = 0)
D5
Offset Detection enable (D5 = 1)
Offset Detection defeat (D5 = 0)
D4
Front Channel
Gain = 26 dB (D4 = 0)
Gain = 16 dB (D4 = 1)
D3
Rear Channel
Gain = 26 dB (D3 = 0)
Gain = 16 dB (D3 = 1)
D2
Mute front channels (D2 = 0)
Unmute front channels (D2 = 1)
D1
Mute rear channels (D1 = 0)
Unmute rear channels (D1 = 1)
D0
CD 2% (D0 = 0)
CD 10% (D0 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com