Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA75610SLV Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA75610SLV
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610SLV Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA75610SLV Datasheet HTML 9Page - STMicroelectronics TDA75610SLV Datasheet HTML 10Page - STMicroelectronics TDA75610SLV Datasheet HTML 11Page - STMicroelectronics TDA75610SLV Datasheet HTML 12Page - STMicroelectronics TDA75610SLV Datasheet HTML 13Page - STMicroelectronics TDA75610SLV Datasheet HTML 14Page - STMicroelectronics TDA75610SLV Datasheet HTML 15Page - STMicroelectronics TDA75610SLV Datasheet HTML 16Page - STMicroelectronics TDA75610SLV Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID025599 Rev 6
13/42
TDA75610SLV
Electrical specifications
41
ASB
Standby attenuation
-
90
110
-
dB
AM
Mute attenuation
-
80
100
-
dB
Turn on diagnostics 1 (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output
is considered without faults).
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
0.5
Lop
Open load det.
85
-
-
Lnop
Normal load det.
1.5
-
45
Turn on diagnostics 2 (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
-
-
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
-
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output
is considered without faults).
-
1.8
-
Vs -1.8
V
Lsc
Shorted load det.
-
-
-
1.5
Lop
Open load det.
-
330
-
-
Lnop
Normal load det.
-
7
-
180
Permanent diagnostics 2 (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the Output is considered in
short circuit to GND)
Power amplifier in mute or play,
one or more short circuits
protection activated
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to Vs)
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the output
is considered without faults).
1.8
-
Vs -1.8
V
LSC
Shorted load det.
Power amplifier mode
-
-
0.5
Line driver mode
-
-
1.5
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com