Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7577BLVPDTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7577BLVPDTR
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLVPDTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7577BLVPDTR Datasheet HTML 17Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 18Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 19Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 20Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 21Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 22Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 23Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 24Page - STMicroelectronics TDA7577BLVPDTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID025375 Rev 5
21/43
TDA7577BLV
Diagnostics functional description
42
Figure 31 and 32 shows the load impedance as a function of the peak output voltage and
the relevant diagnostic fields.
It is recommended to keep output voltage always below 8 V (high threshold) or 4 V (low
threshold) to avoid circuit to saturate (causing wrong detection cases).
This feature is disabled if any overloads leading to activation of the short-circuit protection
occurs in the process.
Figure 31. Current detection high: load impedance |Z| vs. output peak voltage
Figure 32. Current detection low: load impedance |Z| vs. output peak voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com