Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22652A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22652A
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22652A Datasheet HTML 1Page - Diodes Incorporated AP22652A Datasheet HTML 2Page - Diodes Incorporated AP22652A Datasheet HTML 3Page - Diodes Incorporated AP22652A Datasheet HTML 4Page - Diodes Incorporated AP22652A Datasheet HTML 5Page - Diodes Incorporated AP22652A Datasheet HTML 6Page - Diodes Incorporated AP22652A Datasheet HTML 7Page - Diodes Incorporated AP22652A Datasheet HTML 8Page - Diodes Incorporated AP22652A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
2 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Typical Applications Circuit (Note 4)
Note:
4. 120µF output capacitance is a requirement of USB.
Available Options
Part Number
Channel
Enable Pin
(EN/EN)
Recommended Maximum
Continuous Load Current (A)
Current-Limit
Protection
Package
AP22652
1
Active Low
2.1
Constant-Current
W-DFN2020-6 (Type A1)
AP22653
1
Active High
W-DFN2020-6 (Type A1)
AP22652
1
Active Low
SOT26 (Type A1)
AP22653
1
Active High
SOT26 (Type A1)
AP22652A
1
Active Low
Latch-Off
W-DFN2020-6 (Type A1)
AP22653A
1
Active High
W-DFN2020-6 (Type A1)
AP22652A
1
Active Low
SOT26 (Type A1)
AP22653A
1
Active High
SOT26 (Type A1)
Pin Descriptions
Pin
Name
Pin Number
I/O
Function
AP22652W6-7
AP22652AW6-7
AP22653W6-7
AP22653AW6-7
AP22652FDZ-7
AP22652AFDZ-7
AP22653FDZ-7
AP22653AFDZ-7
IN
1
1
6
6
I
Input, connect a 0.1µF or greater ceramic capacitor
from IN to GND as close to IC as possible.
GND
2
2
5
5
— Ground, connect to external exposed pad.
EN
3
—
4
—
I Enable input, logic low turns on power switch.
EN
—
3
—
4
I Enable input, logic high turns on power switch.
FAULT
4
4
3
3
O
Active-low open-drain output, asserted during over-
current, over-temperature, or reverse-voltage
conditions.
ILIM
5
5
2
2
O
Use external resistor to set current-limit threshold;
recommended 10kΩ ≦ RLIM ≦ 210kΩ
OUT
6
6
1
1
O
Voltage Output Pin, connect a 0.1μF bypass capacitor
and a high-value capacitor to GND, close to IC. (At
least 10μF in USB application.)
Exposed
Pad
—
—
Pad
Pad
—
Internal connection to GND; Connect to GND externally
for improved power dissipation. It should not be used
as electrical ground conduction path.
EN/EN
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com