Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22814AMB-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22814AMB-13
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22814AMB-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22814AMB-13 Datasheet HTML 1Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 2Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 3Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 4Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 5Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 6Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 7Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 8Page - Diodes Incorporated AP22814AMB-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
2 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Typical Applications Circuit
1
μF
IN
GND
EN
OUT
ON
120
μF
Power Supply
2.7V to 5.5V
0.1
μF
OFF
FLG
Load
10k
Enable Active High
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
U-DFN2020-6
MSOP-8
1
5
6, 7
OUT
Voltage Output Pin, connect a 0.1
μF bypass capacitor and a high-value capacitor to
GND, close to IC. (At least 10
μF in USB application.)
2
2
1
GND
Ground Pin of the Circuitry
3
4
5
FLG
Over Current and Over temperature fault report;
Open-Drain flag is active low when triggered.
4
3
4
EN
Enable Input. Enable input, active high (A) or active low (B)
5
1
2, 3
IN
Voltage Input Pin, connect a 1
μF low ESR capacitor to GND, close to IC.
—
6
8
NC
No Internal Connection
—
PAD
—
—
Recommend connecting to the GND externally for improved power dissipation
Functional Block Diagram
Thermal
Sense
FLG
OUT
GND
IN
EN
UVLO
Current
Limit
Current
Sense
Deglitch
Discharge
Control
Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com