Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4117CS2012VDC1.2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 4117CS2012VDC1.2
Description  4117
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4117CS2012VDC1.2 Datasheet(HTML) 1 Page - DB Lectro Inc

  4117CS2012VDC1.2 Datasheet HTML 1Page - DB Lectro Inc 4117CS2012VDC1.2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Superminiature, heavy power.
Low coil power consumption.
Switching current up to 2
×10A.
PC board mounting.
Suitable for household appliance, electrical equipment, automation system, and automobile industry application.
Ordering Information
4117
C
S
10
12VDC
1.0
1
2
3
4
5
6
1 Part number:4117
2 Contact arrangement:A:1A;B:1B;C:1C;U:IU;W:1W
3 Enclosure:S: Sealed type;Z: Dust cover
O: open type
4 Contact Current:10:10A;20:20A
5 Coil rated Voltage(V):DC:3,5,6,9,12,18,24
6 Coil power consumption:1.0:1.0W;1.2:1.2W
Contact Data
Contact Arrangement
1A
SPSTNO
f1C SPDT(B-M) f1U SPSTNODM f1W SPDTNC-NO
Contact Material
Ag SnO
2
Contact Rating (resistive)
1A
f1C: 10A/120VAC,28VDC 20A/14VDC ;
1U: 2
×10A/120VAC,28VDC 2×20A/14VDC ;
1W: 2
×10A/120VAC,28VDC 2×20A/14VDC
Max. Switching Power
1C:
280W
1200VA
1W:
2
y280W 2y1200VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-1000
3
3.9
9
2.25
0.3
005-1000
5
6.5
25
3.75
0.5
006-1000
6
7.8
36
4.50
0.6
009-1000
9
11.7
85
6.75
0.9
012-1000
12
15.6
145
9.00
1.2
018-1000
18
23.4
324
13.5
1.8
024-1000
24
31.2
576
18.0
2.4
1.0
10
5
012-1200
12
15.6
120
9.00
1.2
1.2
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
115
4117
Open Type
>>>>>Dust Covered >>
13.2
×14×18
18
×16.4×20
www.dblectro.com


Similar Part No. - 4117CS2012VDC1.2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117CS2012VDC1.2 DBLECTRO-4117CS2012VDC1.2 Datasheet
941Kb / 3P
Superminiature, heavy power
More results

Similar Description - 4117CS2012VDC1.2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117-2 DBLECTRO-4117-2 Datasheet
332Kb / 2P
4117-2
4417-2 DBLECTRO-4417-2 Datasheet
753Kb / 3P
Twin structure of 4117 type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com