Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPE04-1LZ Datasheet(PDF) 1 Page - Cree, Inc

Part # IPE04-1LZ
Description  LED MR16 Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

IPE04-1LZ Datasheet(HTML) 1 Page - Cree, Inc

  IPE04-1LZ Datasheet HTML 1Page - Cree, Inc IPE04-1LZ Datasheet HTML 2Page - Cree, Inc IPE04-1LZ Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.94"
Ø 1.97
Rev. Date 01/04/2013
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
LM16
LED MR16 Lamp
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
LM16
Product Description
The Cree LM16 delivers up to 620 lumens while achieving over 68 lumens per
watt. The LM16 LED MR16 lamp is available in a variety of beam angles with a color
temperature of 3000K. Designed to halogen MR16 lamp standards, the LM16 LED
lamp imitates the size, appearance and lumen performance of halogen lamps. This
lamp saves 80 percent of annual energy savings and is suitable for open track
fixtures and non-IC rated downlights. It is capable of dimming down to 5 percent
and is perfect for down lighting, track and accent lighting use in both commercial
and retail applications.
Performance Summary
Delivered Light Output: 464 lumens (35W eq); 620 lumens (50W eq)
Input Power: 7 watts (35W eq); 9 watts (50W eq)
CRI: 83
CCT: 3000K
Beam Angle: 17°, 25° and 40°
CBCP: 35W eq 17°: 2862, 35W eq 25°: 1995, 35W eq 40°: 728
50W eq 17°: 4152, 50W eq 25°: 2650, 50W eq 40°: 1057
Warranty: 3 year limited warranty†
Lifetime: Designed to last 25,000 hours in open track fixtures and non-IC downlights
Dimming: 5%*
Ordering Information
Example: LM16-50-30K-25D
LM16
30K
Product
Watt
Equivalent
CCT
Beam Angle
Base
LM16
35
35W
50
50W
30K
3000 Kelvin
17D
17° Spot
25D
25° Flood
40D
40° Wide Flood
Blank
GU5.3 Base
*See compatible dimming controls page.
† See www.cree.com/lighting for warranty terms.


Similar Part No. - IPE04-1LZ

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
IPE140 ADVANCEDENERGY-IPE140 Datasheet
943Kb / 8P
IMPAC IPE 140
logo
Gamewell-FCI by Honeywe...
IPENC GAMEWELL-FCI-IPENC Datasheet
65Kb / 2P
IP Fire Alarm Communicator
logo
Infinite Electronics In...
IPEPS L-COM-IPEPS Datasheet
271Kb / 2P
ADDERLINK
IPEPS-DA L-COM-IPEPS-DA Datasheet
271Kb / 2P
ADDERLINK
logo
Yuechung International ...
IPEX-1.13B-SMAF-150 YIC-IPEX-1.13B-SMAF-150 Datasheet
324Kb / 1P
I-PEX To SMA Cable, L=150MM
2018.12.13
More results

Similar Description - IPE04-1LZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92560 TI-TPS92560 Datasheet
704Kb / 17P
SIMPLE LED DRIVER FOR MR16 AND AR111 APPLICATIONS
logo
List of Unclassifed Man...
MR16X-005-3000 ETC2-MR16X-005-3000 Datasheet
300Kb / 5P
5W MR16 High Power LED Lamp
logo
BetLux Electronics
TLL-M16-061 BETLUX-TLL-M16-061 Datasheet
35Kb / 1P
Spot Lamp Series MR16
REV NO: V. 1
TLL-MR16F1W-061 BETLUX-TLL-MR16F1W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16F3W-061 BETLUX-TLL-MR16F3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16H1W-061 BETLUX-TLL-MR16H1W-061 Datasheet
39Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
TLL-MR16HT3W-061 BETLUX-TLL-MR16HT3W-061 Datasheet
38Kb / 1P
Spot Lamp High Power, MR16 base
REV NO: V.1
logo
Diodes Incorporated
AL8823 DIODES-AL8823 Datasheet
331Kb / 14P
MR16 SINGLE BOOST LED CONTROLLER
Rev 1
logo
Shenzhen Huazhimei Semi...
HM4117 HMSEMI-HM4117 Datasheet
600Kb / 8P
MR16 LED
logo
ON Semiconductor
TND373 ONSEMI-TND373 Datasheet
410Kb / 14P
1W to 5W LED Driver for MR16 LED
Rev.0, Oct-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com