Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD203AC2 Datasheet(PDF) 1 Page - Picker Components

Part # PCD203AC2
Description  Printed Circuit Board Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD203AC2 Datasheet(HTML) 1 Page - Picker Components

  PCD203AC2 Datasheet HTML 1Page - Picker Components PCD203AC2 Datasheet HTML 2Page - Picker Components PCD203AC2 Datasheet HTML 3Page - Picker Components PCD203AC2 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Printed Circuit Board Solid State Relay
FEATURES
Solid Epoxy Body Resistant to the environment
4,000 Volt isolation between input and output
Completely sealed, Immersion cleanable
4 to 24 Volt DC input
3 Amp AC Output
50 to 250 AC Volt Output
PCD203AC2
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PCD203AC2 Rev A 6-6-02
PAGE 1
Zero crossing switching
File # E86876
Built in snubber network
Very high surge resistance
UL recognized and certified for Canada
Narrow profile for high density spacing
PICKER COMPONENTS
LOAD 3 A 250 VAC
INPUT 4 TO 24 VDC
P/N PCD 203AC2
LOAD
INPUT
+
-
.945
1.45
.177
.377
.877
1.277
.400
.355
.020
Drawing is 2 X Scale
Dimensions in Inches


Similar Part No. - PCD203AC2

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2_14 Datasheet
225Kb / 4P
Printed Circuit Board Solid State Relay
More results

Similar Description - PCD203AC2

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS05 PICKER-PCS05 Datasheet
168Kb / 2P
Printed Circuit Board Solid State Relay
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
Solid State Relay for printed circuit board
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2_14 Datasheet
225Kb / 4P
Printed Circuit Board Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com