Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS05 Datasheet(PDF) 1 Page - Picker Components

Part # PCS05
Description  Printed Circuit Board Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS05 Datasheet(HTML) 1 Page - Picker Components

  PCS05 Datasheet HTML 1Page - Picker Components PCS05 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Printed Circuit Board Solid State Relay
FEATURES
5 amp rating @ 30 degrees C
Industry standard footprint
Will switch up to 440 volts
4000 volt dielectric strength
Built in snubbers
Back to back SCR or Triac output
PCS05
Input
3 VDC to 15 VDC
Low Range (L)
INPUT PARAMETERS
OUTPUT PARAMETERS
48 to 264 VAC for 240 VAC rated relay
Load Voltage Range
Load Current Range
0.1 Amps to 5 Amps
Max Surge current (10 ms)
250 Amps Peak
Max on-state voltage drop
1.5 Volts
Maximum
10 milliseconds
1 millisecond
Maximum turn-off time
10 milliseconds
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PCS05 Rev A 4-28-05
PAGE 1
ORDERING INFORMATION
Example:
PCS05
Model
240
Solid epoxy encapsulation
DC Input Range
L: 3 VDC to 15 VDC, H: 15 VDC to 32 VDC
L
GENERAL PARAMETERS
Dielectric strength (input to output)
Insulation Resistance
Vibration Resistance
Ambient operating temperature
4000 Vrms
1000 megohms @ 500VDC
DA 1.5 mm 10 to 50 Hz
-30 to +80 degrees C
Type of Operation
Output Type
S: SCR, T: Triac
T
Z
Max 3 VDC
1.5 milliamps
Pending
Input Voltage
Min 1.0 VDC
High Range (H)
15 VDC to 32 VDC
Max 15 VDC
Must Release Voltage
Typical Input Current
15 mA DC
Load Voltage
240 or 380
Z: Zero cross turn on; R: Random turn on
Must Operate Voltage
Min 1.0 VDC
15 mA DC
Ambient storage temperature
-30 to +100 degrees C
Ambient humidity
45% to 85%
Weight
15 grams max
48 to 440 VAC for 380 VAC rated relay
Max off-state leakage current
Turn-on
Time
Zero Crossing
Random
Transient overvoltage
600 V for 240 VAC and 800 V for 380 VAC
Minimum off-state dv/dt
Minimum power factor
200V / micro second
0.5
Maximum Load Current vs. Ambient Temperature
1
2
3
4
5
6
0
Ambient Temperature (degrees C)
-30
100
80
60
40
20
0
30
10
50
70
Description
The PCS05 relay is pin for pin compatible with standard
OAC type I/O modules.
The PCS05 is available with random turn-on as an alternate to
zero-cross turn-on.
The PCS05 SSR offers a choice of 240VAC or 380VAC versions
and input ranges of 3 to 15 vDC and 15 to 32 VDC.
All Models include an internal snubber.


Similar Part No. - PCS05

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PCS02 PF-PCS02 Datasheet
532Kb / 1P
USB Charging Cable for Smart-Ex 02 and Ex-Handy 10
2020-03-30
logo
Bourns Electronic Solut...
PCS020-EE0502KS BOURNS-PCS020-EE0502KS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE0503KS BOURNS-PCS020-EE0503KS Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE05081S BOURNS-PCS020-EE05081S Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
PCS020-EE05180S BOURNS-PCS020-EE05180S Datasheet
978Kb / 5P
PCS Series Current Sense Transformers
07/22
More results

Similar Description - PCS05

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2 Datasheet
263Kb / 4P
Printed Circuit Board Solid State Relay
logo
celduc-relais
SKH10521 CELDUC-SKH10521 Datasheet
183Kb / 3P
Solid State Relay for printed circuit board
SKH20120 CELDUC-SKH20120 Datasheet
274Kb / 3P
Solid State Relay for printed circuit board
SKL10121 CELDUC-SKL10121 Datasheet
209Kb / 3P
Solid State Relay for printed circuit board
SKL10520 CELDUC-SKL10520 Datasheet
480Kb / 3P
Solid State Relay for printed circuit board
SKL15240 CELDUC-SKL15240 Datasheet
168Kb / 3P
Solid State Relay for printed circuit board
SKL20220 CELDUC-SKL20220 Datasheet
377Kb / 3P
Solid State Relay for printed circuit board
SKL20241 CELDUC-SKL20241 Datasheet
483Kb / 3P
Solid State Relay for printed circuit board
SKL20520 CELDUC-SKL20520 Datasheet
479Kb / 3P
Solid State Relay for printed circuit board
logo
Picker Components
PCD203AC2 PICKER-PCD203AC2_14 Datasheet
225Kb / 4P
Printed Circuit Board Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com