Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC236 Datasheet(PDF) 1 Page - Picker Components

Part # PC236
Description  Subminiature 10 Amp PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC236 Datasheet(HTML) 1 Page - Picker Components

  PC236 Datasheet HTML 1Page - Picker Components PC236 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature 10 Amp PCB Power Relay
FEATURES
Subminiature design
1 A (SPST NO) and 1 C (SPDT) contact forms available
1/2 HP at 125 VAC
10 amps at 125 VAC, 5 amps at 250 VAC
TV-5 rating
Up to 85 degrees C operating temperature
PC236
Max. Switching Voltage
250 VAC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. MAX
Release Time
Insulation Resistance
5 ms. MAX
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
Standard: 0.6 W; Large Gap: 0.8 W
Ambient Temperature Range
-30 to 85 degrees C operating, -40 to 100 storage
Weight
6 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC236 Rev A 1-26-04
PAGE 1
ORDERING INFORMATION
Example:
PC236
Model
-12
Sealed, immersion cleanable
Coil Voltage
Insulation System
-1C
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
SPST NO or SPDT
Nil: Class B (125 degrees C); F: Class F (155 degrees C)
Contact Form
F
Contact Form
Max Switching Current
5 Amps @ 250 VAC
10 Amps @ 125 VAC
1/2 HP @ 125 VAC
AgCdO (Silver Cadmium Oxide)
Motor Load
TV Rating
TV-5
Nil: Standard; G: Large Gap
Contact Gap
-G
Drop Resistance
1 Meter height drop on concrete
1A or 1C
File # E93379


Similar Part No. - PC236

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236-1A-12-C-0.8-F-X PICKER-PC236-1A-12-C-0.8-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-0.8-NIL-X PICKER-PC236-1A-12-C-0.8-NIL-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-F-X PICKER-PC236-1A-12-C-NIL-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-NIL-X PICKER-PC236-1A-12-C-NIL-NIL-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-S-0.8-F-X PICKER-PC236-1A-12-S-0.8-F-X Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
More results

Similar Description - PC236

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
10 AMP SUBMINIATURE POWER RELAY
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
10 AMP SUBMINIATURE POWER RELAY
AZ7671 AZETTLER-AZ7671 Datasheet
180Kb / 2P
10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC236 PICKER-PC236_14 Datasheet
200Kb / 2P
Subminiature 10 Amp and 20 Amp PCB Power Relay
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
10 Amp & 20 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
10 Amp Subminiature PCB Power Relay
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com