Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC303S Datasheet(PDF) 2 Page - Picker Components

Part # PC303S
Description  Microminiature Surface Mount Signal Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC303S Datasheet(HTML) 2 Page - Picker Components

  PC303S Datasheet HTML 1Page - Picker Components PC303S Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Single Side stable
Single Coil Latching
Operate Time
Set Time
Release Time
Reset Time
Insulation Resistance
Dielectric Strength
Surge Strength
Capacitance
Shock Resistance
Vibration Resistance
Allowable Max. Power
Ambient Temperature
Power Consumption
Weight
Less than 4 ms at nominal coil voltage
N/A
N/A
Less than 4 ms at nominal coil voltage
Less than 4 ms at nominal coil voltage
N/A
N/A
Less than 4 ms at nominal coil voltage.
1000 Mmegohms min. at 500 VDC, 50% RH
2000 V rms, 1 min. between coil and contacts and between adjacent parts
1000 V rms, 1 min. between open contacts
2500 V, between coil and contacts (FCC Part 68)
0.4 pf max. between contacts; 0.2 pf max. between adjacent poles; 0.9 pf max. between coil and contacts
Min 750 m/s
10 - 55 Hz; 3.3 mm DA
0.4 W
Consumption at 20 C
-40 degrees C to 85 degrees C
0.1 to 0.14 W
2 grams approx.
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
PC303S
PC303S
Dimensions in Inches (millimeters)
Drawings are 2X actual size
CHARACTERISTICS
+
-
1
3 4 5
8
9
10
12
+
-
1
3 4 5
8
9
10
12
(15.0)
.591
(9.8)
.386
(.325)
.013
(7.5)
.295
(5.08)
.200
(2.54)
.100
Index Mark on top of relay
indicates position of pins 1 & 12
Single Side Stable
Single Coil Latching
On single coil latching set polarity shown
Pin Functions Bottom View
(75 G)
2
(5.08)
.200
Pin Functions Bottom View
(9.4)
.370
(9.8)
.386
(1.9)
.075
(5.08)
.200
(9.4)
.370
(7.24)
.285
(15.0)
.591
(2.54)
.100 TYP.
(5.08)
.200
Soldering Pad
Temporary Glue Pad
Soldering Pad Dimensions
(3.16)
.124
(1.0)
.039
Standard
Mounting
Connectivity
Mounting
High



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com