Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC307 Datasheet(PDF) 1 Page - Picker Components

Part # PC307
Description  Ultraminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC307 Datasheet(HTML) 1 Page - Picker Components

  PC307 Datasheet HTML 1Page - Picker Components PC307 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature PCB Telecom Relay
FEATURES
Ultraminiature design
PC Terminals on .1 in. grid pattern
Meets FCC part 68 voltage surge
Contact capacity from 1 mA to 1A
Class "B" insulation standard
High sensitivity, 150 mW nominal power
PC307
Rated Load
Max. Switching Voltage
125 VAC / 60 VDC
1 Form C
UL/CSA RATINGS
CHARACTERISTICS
Operate Time
5 ms. Max.
Release Time
Insulation Resistance
5 ms. Max.
1,000 megohms min, at 500VDC, 50%RH between coil and contacts
Dielectric Strength
1000 Vrms, 1 min. between coil and contacts
400 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 3.3 mm, 10 - 55 Hz
Power Consumption
0.15 W
Ambient Temperature Range
-40 to 70 C operating and storage
Weight
2.2 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC307 Rev D 3-21-05
PAGE 1
ORDERING INFORMATION
Example:
PC307
Model
-12
Sealed, immersion cleanable
Contact Material
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
Ag + Au (Fine Silver Gold Clad)
100 milliohms max @ 0.1A, 6VDC
5 X 106
1 X 10 5
Operations
Operations
SPDT
Max. Continuous Current
A: Fine Silver, G: Fine Silver Gold Clad
Coil Voltage
G
Contact Form
Max. Switching Current
1 Amp
0.5A @ 125VAC; 1A @ 30 VDC
2 Amps
Max. Switching Power
Minimum Load
62.5 VA / 30 W
1 mA @ 5 VDC
Ag (Fine Silver)
1,000 megohms min, at 500VDC, 50%RH between open contacts
Surge Resistance
1500 V, between coil and contacts (FCC Part 68)
File # E86876
Nil: Not Rohs, -X: RoHS Compliant
RoHS Compliant
-X


Similar Part No. - PC307

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
Ultraminiature PCB Telecom Relay
PC307 PICKER-PC307_17 Datasheet
1Mb / 2P
Ultraminiature 1 Amp PCB Signal Relay
More results

Similar Description - PC307

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322 Datasheet
158Kb / 2P
Subminiature PCB Telecom Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
Ultraminiature PCB Telecom Relay
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
Subminiature PCB Telecom Relay
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
Ultraminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
Ultraminiature Automotive PCB Twin Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com