Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312B Datasheet(PDF) 2 Page - Picker Components

Part # PC312B
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC312B Datasheet(HTML) 2 Page - Picker Components

  PC312B Datasheet HTML 1Page - Picker Components PC312B Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC312B
PC312B
COIL DATA
Coil Voltage
5
6
12
18
24
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
20
56
80
320
720
1280
3.75
4.50
9.00
13.5
18.00
0.5
0.6
1.2
1.8
2.4
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
3
2.25
0.3
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
180
6.75
0.9
Drawings are 2X actual size
+ 10%
Sensitivity Code B
0.45 W
Standard Sensitivity
0.36 W
Sensitivity Code H
0.2 W
25
70
100
400
900
1600
220
45
120
180
700
1620
2800
440
.01
(2.54)
.40
(10.2)
(7.6)
.30
(3.5)
.138
(11.5)
.453
(11.0)
.433
(16.0)
.630
(1.0)
.040 Dia. Typ.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com