Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC333 Datasheet(PDF) 2 Page - Picker Components

Part # PC333
Description  12 Amp Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC333 Datasheet(HTML) 2 Page - Picker Components

  PC333 Datasheet HTML 1Page - Picker Components PC333 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC333
PC333
COIL DATA
Coil Voltage
5
6
9
24
48
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
56
80
180
320
720
1280
3800
3.75
4.50
6.75
9.00
13.50
18.00
36.00
0.5
0.6
0.9
1.2
1.8
2.4
4.8
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Form A Unused Pin is Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
12
18
+ 10%
Standard Coil
Sensitive Coil
69
100
225
400
900
1600
0.45 W
0.33 W
3
20
25
2.25
0.3
.70
(17.8)
(5.08)
.200
.300
(7.62)
(5.08)
.200
(17.3)
.681
(15.0)
.590
(22.3)
.878
(3.5)
.138
(1.2)
.050 Dia. Typ.
PC333
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
.70
(17.8)
(5.08)
.200
.300
(7.62)
(5.08)
.200
(16.5)
.650
(15.0)
.590
(21.4)
.843
(3.5)
.138
(1.2)
.050 Dia. Typ.
PC333HD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com