Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC355 Datasheet(PDF) 1 Page - Picker Components

Part # PC355
Description  20 Amp Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC355 Datasheet(HTML) 1 Page - Picker Components

  PC355 Datasheet HTML 1Page - Picker Components PC355 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20 Amp Minature PCB Power Relay
FEATURES
20 Amp contact capacity
Suitable for automatic soldering
10 KV surge voltage
5 KV dielectric strength between coil and contacts
Low cost 20 amp relay
Meets UL 873 spacing
PC355
Load Type
20 Amps/125 VAC, 16 Amps/250 VAC
All Forms
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
20 ms. Max.
Release Time
Insulation Resistance
10 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.0 mm, 10 - 55 Hz
Power Consumption
.54 Watts
Ambient Temperature Range
-40 to 85 C, -40 to 130 C storage
Weight
15 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC355 Rev A 11-13-03
PAGE 1
UL Class "F" insulation available
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
30 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
Operations
Operations
All Contacts
Resistive
Maximum switched power
Maximum switched voltage
4000 VA, 385 W
277 VAC, 30 VDC
File # E86876
Minimum Permissable Load
10 mA / 5vdc
ORDERING INFORMATION
Example:
PC355
Model
P
-1A
Coil Voltage
Contact Form
1A
Terminal Type
Nil: QC + PC, P: All PC
-12
Insulation Material
Nil: Class B, F: Class F (155 degrees C)
F


Similar Part No. - PC355

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355 SHARP-PC355 Datasheet
54Kb / 5P
Mini-Flat Package, High Sensitivity Photocoupler
logo
Multicomp Pro
PC355 MULTICOMP-PC355 Datasheet
19Kb / 1P
PC355 - Pushwire 5 way
24/09/07 REV A
logo
List of Unclassifed Man...
PC3550 ETC1-PC3550 Datasheet
69Kb / 2P
Type of pressure: relative pressure Liquids and gases
logo
Sharp Corporation
PC355N SHARP-PC355N Datasheet
226Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
Mini-flat Package, Darlington Phototransistor Output Photocoupler
More results

Similar Description - PC355

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
25 Amp Minature PCB Power Relay
PC372 PICKER-PC372 Datasheet
167Kb / 2P
10 Amp Minature 2 Pole PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
20 Amp Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
10 Amp Minature PCB Power Relay
PC393 PICKER-PC393 Datasheet
169Kb / 2P
20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
25 Amp Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
Minature PCB Relay
logo
Picker Components
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
25 AMP Minature PCB Power Relay
PC113 PICKER-PC113_15 Datasheet
465Kb / 2P
Minature 12 & 20 Amp General Purpose Relay
PC834 PICKER-PC834_17 Datasheet
1Mb / 2P
Minature 12 & 20 Amp General Purpose Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com