Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP-MSM075/24 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LP-MSM075/24
Description  Positive Thermal Coefficent Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LP-MSM075/24 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LP-MSM075/24 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM075/24 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM075/24 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM075/24 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LP-MSM075/24 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The maximum ambient temperature shall not exceed 38℃. Storage temperatures higher than 38℃ could result in the
deformation of packaging materials. The maximum relative humidity recommended for storage is 60%. High humidity with
high temperature can accelerate the oxidation of the solder plating on the termination and reduce the solderability of the
components. Sealed plastic bags with desiccant shall be used to reduce the oxidation of the termination and shall only be
opened prior to use. The products shall not be stored in areas where harmful gases containing sulfur or chlorine are present
Warning
• Use PPTC beyond the maximum ratings or improper use may result in device damage and possible electrical arcing and
flame.
• PPTC are intended for protection against occasional over current or over temperature fault conditions and should not be
used when repeated fault conditions or prolonged trip events are anticipated.
• Device performance can be impacted negatively if devices are handled in a manner inconsistent with recommended
electronic, thermal, and mechanical procedures for electronic components.
• Use PPTC with a large inductance in circuit will generate a circuit voltage (L di/dt) above the rated voltage of the PPTC.
• Avoid impact PPTC device its thermal expansion like placed under pressure or installed in limited space.
• Contamination of the PPTC material with certain silicon based oils or some aggressive solvents can adversely impact the
performance of the devices.PPTC SMD can be cleaned by standard methods.
• Requests that customers comply with our recommended solder pad layouts and recommended reflow profile. Improper
board layouts or reflow profilecould negatively impact solderability performance of our devices.
Storage
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5
LP-MSM075/24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com