Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB300 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # DB300
Description  3 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB300 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  DB300 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB300 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES DB300 - DB310
Data Sheet No. BRDB-300-2C
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
3
1
0
2
4
5
0
50
100
150
FIGURE 1. FORWARD CURRENT DERATING CURVE
Temperature, C
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
3 AMP SILICON BRIDGE RECTIFIERS
NOTE 2
E14
FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE
Instantaneous Forward Voltage (Volts)
0.4
0.6
08
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1.0
NOTE 3
NOTES
(1) Case Temperature, T
With Bridge Mounted on 4" Sq. x 0.11" Thick
(10.5cm Sq. x 0.3cm) Aluminum Plate
Ambient Temperature, T
With Bridge Mounted on PC Board With
0.5" Sq. (12mm Sq.) Pads and Lead Length of 0.375" (9.5mm)
(2) T = 60 C
(3) T = 25 C; Pulse Width = 300 Sec; 1% Duty Cycle
m
(4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
0
.01
0.1
1.0
.1
10
50
40
Resistive and Inductive Loads
Case, Tc
NOTE 1
Ambient, TA
FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE
Reverse Voltage, (Volts)
NOTE 4
60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com