Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB500P Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB500P
Description  50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB500P Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB500P Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Data Sheet No. FRDBS-5000P-1A
MECHANICAL SPECIFICATION
50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified.
F2
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
9.8
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.39
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
9.8
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.39
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
D2
BL
BH
LT
LD
LL
BH
D1
D2
BL
D1
BL
+
_
UL RECOGNIZED - FILE #E141956
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Use Suffix "T" For
TERMINALS
FAST-ON
EXAMPLE P/N: DB5006P/T-S
EXAMPLE P/N: DB5006P/W-S
Use Suffix "W" For
Wide Range of Applications - Inverters, Converters
Choppers, Power Supplies, etc.
VOID FREE Vacuum Die Soldering For Maximum
Mechanical Strength And Heat Dissipation
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
TRUE SOFT RECOVERY CHARACTERISTIC WITH
NO RINGING, SPIKES, or OVERSHOOT
HIGH FREQUENCY: 250 kHz
FAST RECOVERY: 100nS - 150nS
UNMATCHED PERFORMANCE - Minimal RFI/EMI,
Reduced Power Losses, Extremely Cool Operation
Increased Power Supply Efficiency
Proprietary
Junction Passivation
For Superior Reliability and Performance
SOFT GLASS
Average Forward Rectified Current @ T = 55 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
DB
DB
RATINGS
DB
DB
DB
50
100
200
400
35
70
140
280
50
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage, Per Diode, at 25 Amps DC
V
I
600
1.2
Maximum Average DC Reverse Current at Rated
DC Blocking Voltage Per Diode
I
@ T = 25 C
@ T = 125 C
1.0
50
T
600
50
100
200
400
600
420
5000P-S 5001P-S 5002P-S 5004P-S 5006P-S
Maximum Reverse Recovery Time
R
1.1
150 (Typ. 100)
Typical Thermal Resistance, Junction to Case
Operating and Storage Temperature Range
T T
-55 to +150
UNITS
VOLTS
VOLTS
AMPS
A
nS
°C/W
°C
NOTES: (1) Bolt bridge on heat sink
silicon thermal compound between bridge and mounting surface
with #8 screw, using
for maximum heat transfer.
WIRE LEADS
MECHANICAL DATA
Max. mounting torque = 20 in-lb.
Case:
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 0.7 Ounces (20.0 Grams)
Case: Molded epoxy with integral heat sink
Epoxy carries a U/L Flammability rating of 94V-0
Wire Leads - 0.55 Ounces (16.0 Grams)
RoHS COMPLIANT


Similar Part No. - DB500P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB5000P DEC-DB5000P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5001P DEC-DB5001P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5002P DEC-DB5002P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5004P DEC-DB5004P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
DB5006P DEC-DB5006P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB500P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB3500P DEC-DB3500P Datasheet
335Kb / 1P
35 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
SDB5000 DEC-SDB5000 Datasheet
212Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
SR5000 DEC-SR5000 Datasheet
235Kb / 1P
50 AMP HIGH FREQUENCY TAB MOUNTED SOFT RECOVERY DIODES
SRP5000S DEC-SRP5000S Datasheet
218Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BUTTON DIODES
BSBUS-800-1A DEC-BSBUS-800-1A Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
FRSDBS-5000-1A DEC-FRSDBS-5000-1A Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
08SBUS DEC-08SBUS Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
35DBPS DEC-35DBPS Datasheet
107Kb / 1P
35 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
50SDBS DEC-50SDBS Datasheet
59Kb / 1P
50 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
150WBS DEC-150WBS Datasheet
67Kb / 1P
1.5 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com