Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB302 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB302
Description  3 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB302 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB302 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB302 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-300-1C
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ACTUAL SIZE
3 AMP SILICON BRIDGE RECTIFIERS
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on top of case; positive lead at beveled corner
Mounting Position: Any. Thru hole provided for #6 screw (NOTE 1)
Weight: 0.13 Ounces (3.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
MECHANICAL DATA
BH
LL
LD
D1
D1
BL
BL
+
_
DT
DB306
SERIES DB300-DB310
+
_
UL RECOGNIZED - FILE #E124962
E13
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 60 Amps peak
Reliable low cost molded epoxy construction
Ideal for printed circuit board applications
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
RMS Reverse Voltage
UNITS
VOLTS
RATINGS
Average Forward Rectified Current
Peak Forward Surge Current.
Tc = 60 C
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method).
Junction Operating and Storage Temperature Range
T , T
I
Thermal Energy (Rating for Fusing) t < 8.3mSec
I t
I
@ T = 60
(Note 2)
C
@ T = 25 C (Note 3)
°C
AMPS
AMPS
SEC
V
C
Maximum Forward Voltage (Per Diode) at 1.5 Amps DC
Typical Junction Capacitance (Note 4)
Typical Thermal Resistance
R
R
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Junction to Ambient (Note 3)
Junction to Case (Note 2)
pF
VOLTS
A
C/W
RoHS COMPLIANT


Similar Part No. - DB302

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DB302 DYELEC-DB302 Datasheet
1Mb / 2P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB302 DYELEC-DB302 Datasheet
2Mb / 3P
SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB302 JUXING-DB302 Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
DB302 ZSELEC-DB302 Datasheet
73Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
DB302 JUXING-DB302 Datasheet
1Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - DB302

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRDB-300-1C DEC-BRDB-300-1C Datasheet
332Kb / 2P
3 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
03DB DEC-03DB Datasheet
332Kb / 2P
3 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
25DBP DEC-25DBP Datasheet
137Kb / 2P
25 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com