Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG5661 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VG5661
Description  Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG5661 Datasheet(HTML) 1 Page - STMicroelectronics

  VG5661 Datasheet HTML 1Page - STMicroelectronics VG5661 Datasheet HTML 2Page - STMicroelectronics VG5661 Datasheet HTML 3Page - STMicroelectronics VG5661 Datasheet HTML 4Page - STMicroelectronics VG5661 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
AEC-Q100 grade 2 automotive qualification ongoing
•
Automotive global shutter with high-dynamic technology range (up to 98 dB
linear) and high-density charge storage
•
3.2 µm pixel GS-HDR, monochrome, visible, and IR spectrum
•
Optical formats
–
1.6 MP (1464 x1104) at 75 fps in 1/3” optical format with micro lens
–
2.3 MP (1944 x1204) at 60 fps in 1/2.5” optical format with micro lens
•
Very high MTF, even in near IR (perfect pixel encapsulation)
•
Low noise 11-bit ADC with digital CDS
•
Linear or compressed output from RAW8 to RAW16 resolution
•
Output interface
–
Mipi CSI-2 (4 x 0.8 Gbps)
–
Parallel 12 bits (100 MHz)
–
Camera control interface (CCI)
•
Machine vision application support
–
In-pixel HDR and background substration modes, with flexible strobe
illumination control
–
Up to 4-LED control output, synchronized with sensor integration periods
–
8 regions of interest (ROI)
–
Programmable sequences of 4-frame contexts
–
Master/slave external frame start control
–
Embedded 16-bit video processing pipe with pixel defect correction, high
dynamic range (HDR) merge with ghost removal, and programmable
compression of dynamic
–
Mirror/flip/crop
–
Support of subsampling by 2 and by 4
–
Support of binning by 2 and by 4
–
Integrated double temperature sensors
–
Operating junction temperature of -40 °C to 125 °C
–
Automotive qualified IM2BGA plastic package
–
Large spectrum glass for visible and IR applications with dual AR coating
–
ASIL B support e.g. CPU redundancy, embedded full self test, memory and
register ECC, safety manager, and voltage monitoring
–
Monochrome micro lens (maximum CRA optimized for 20 °C and 0 °C)
Description
This automotive global shutter sensor product family features both HDR and ultra
low-noise where crosstalk is minimized for near infrared (NIR) scenes.
They are highly recommended for high-end computer vision applications in
demanding environments.
Product summary
Root part
number
Resolution
(megapixel)
Package
VG5661
1.6
IM2BGA 8.5
x 8.5 mm
VG5761
2.3
IM2BGA
10.0 x 8.5
mm
VD5661
1.6
Bare die
VD5761
2.3
Product label
Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
VG5761, VG5661
VD5761, VD5661
Data brief
DB3776 - Rev 3 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VG5661

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
VG5020KC-MPYIR COMPUTAR-VG5020KC-MPYIR Datasheet
88Kb / 1P
f=50mm F2.0 Day & Night for 1.1 type 12Megapixel Cameras, Fixed-focal, Stepping Motor Iris C‐Mount
2021.09
logo
Epson ToYoCom
VG5032EDN EPSONTOYOCOM-VG5032EDN Datasheet
553Kb / 2P
Crystal Oscillator
logo
Epson Company
VG5032EDN EPSON-VG5032EDN Datasheet
603Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
logo
Epson ToYoCom
VG5032EFN EPSONTOYOCOM-VG5032EFN Datasheet
656Kb / 2P
VC-TCXO Ultra High Stablity
VG5032VDN EPSONTOYOCOM-VG5032VDN Datasheet
553Kb / 2P
Crystal Oscillator
More results

Similar Description - VG5661

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
VB56G4A STMICROELECTRONICS-VB56G4A Datasheet
1,021Kb / 4P
Automotive grade 1.5 megapixel backside illuminated global shutter image sensor
15-Apr-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com