Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB808 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB808
Description  8 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB808 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB808 Datasheet HTML 1Page - DIOTEC Electronics Corporation DB808 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BRDB-800-1C
MECHANICAL SPECIFICATION
ACTUAL SIZE
E31
8 AMP SILICON BRIDGE RECTIFIERS
BH
LL
LD
D1
D1
BL
BL
+
_
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 150 C
Junction Operating and Storage Temperature Range
T , T
I
°C
Continuous Power Dissipation in V
Region
@ T
=80 C (Heat Sink Temp)
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
AMPS
UNITS
VOLTS
P
P
RMS Reverse Voltage
Power Dissipation in V
Region for 100 S Square Wave
WATTS
Thermal Energy (Rating for Fusing)
I t
AMPS
SEC
I
@ T = 50 C (Note 1)
@T = 50 C (Note 2)
Typical Thermal Resistance
R
R
V
Maximum Forward Voltage (Per Diode) at 4 Amps DC
VOLTS
VOLTS
Minimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Junction to Ambient (Note 2)
Junction to Case (Note 1)
A
C/W
RATINGS
INCHES
MILLIMETERS
MIN
6.4
12.2
18.5
SYM
BL
BH
D1
MAX
MAX
7.6
13.2
19.6
MIN
0.73
0.25
0.48
0.77
0.3
0.52
LL
LD
1.2
1.3
0.048
0.052
0.875
22.2
n/a
n/a
+
_
SERIES DB800-DB810 and ADB804-ADB808
DT
DB804
UL RECOGNIZED - FILE #E124962
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
ABDB-800-1C
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 400 AMPS PEAK
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case; positive lead at beveled corner
Mounting Position: Any. Through hole provided for #6 screw
Weight: 0.18 Ounces (5.4 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
MECHANICAL DATA
RoHS COMPLIANT


Similar Part No. - DB808

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
DB805D JSMC-DB805D Datasheet
216Kb / 5P
Compact fluorescent lamp (CFL) 220 V mains
More results

Similar Description - DB808

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DT8C00 DEC-DT8C00 Datasheet
318Kb / 1P
8 AMP SILICON BRIDGE RECTIFIERS
SBU8A DEC-SBU8A Datasheet
448Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-800-1C DEC-BRDB-800-1C Datasheet
408Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
04KBL DEC-04KBL Datasheet
352Kb / 2P
4 AMP SILICON BRIDGE RECTIFIERS
08DB DEC-08DB Datasheet
408Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
08SBU DEC-08SBU Datasheet
169Kb / 2P
8 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com