Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT6C01 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DT6C01
Description  6 AMP SILICON BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DT6C01 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DT6C01 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E17
FEATURES
Data Sheet No. BDTC-600-1A
MECHANICAL SPECIFICATION
6 AMP SILICON BRIDGE RECTIFIERS
DIOTEC ELECTRONICS CORP.
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
UL RECOGNIZED - FILE #E124962
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 250 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
THRU-HOLE FOR EASY HEAT SINK MOUNTING
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
SERIES DT6C00 - DT6C10
1.17
29.7
30.3
1.19
C
C1
3.6
0.142
0.157
19.7
0.776
C2
D
D1
D2
0.173
0.189
4.4
4.8
0.799
20.3
13.2
13.8
0.520
0.543
3.8
4.2
0.126
0.165
D3
D4
0.425
10.8
11.2
0.441
0.122
0.130
3.1
3.3
4.0
0.303
0.031
0.114
0.402
MAX
7.7
0.6
0.8
0.024
2.5
2.9
0.098
7.3
0.287
10.2
9.8
0.386
A
B1
B
B2
0.043
1.1
0.9
0.035
B3
MILLIMETERS
INCHES
MIN
MIN
MAX
SYM
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - DT6C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT6-2.5-01 ETC2-DT6-2.5-01 Datasheet
123Kb / 2P
Thermoelectric Cooler
DT6-2.5-01L ETC2-DT6-2.5-01L Datasheet
123Kb / 2P
Thermoelectric Cooler
DT6-2.5-01LS ETC2-DT6-2.5-01LS Datasheet
123Kb / 2P
Thermoelectric Cooler
DT6-2.5-01S ETC2-DT6-2.5-01S Datasheet
123Kb / 2P
Thermoelectric Cooler
More results

Similar Description - DT6C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH148 ETC1-VH148 Datasheet
261Kb / 2P
6 Amp Epoxy Bridge Rectifiers
logo
DIOTEC Electronics Corp...
SBU6A DEC-SBU6A Datasheet
374Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
DB604 DEC-DB604 Datasheet
383Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
AHBU604 DEC-AHBU604 Datasheet
480Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-600-1D DEC-BRDB-600-1D Datasheet
385Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06DB DEC-06DB Datasheet
385Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06HBU DEC-06HBU Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
06SBU DEC-06SBU Datasheet
376Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VH247 NJSEMI-VH247 Datasheet
93Kb / 1P
6 Amp Epoxy Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com