Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP43771 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP43771
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP43771 Datasheet HTML 1Page - Diodes Incorporated AP43771 Datasheet HTML 2Page - Diodes Incorporated AP43771 Datasheet HTML 3Page - Diodes Incorporated AP43771 Datasheet HTML 4Page - Diodes Incorporated AP43771 Datasheet HTML 5Page - Diodes Incorporated AP43771 Datasheet HTML 6Page - Diodes Incorporated AP43771 Datasheet HTML 7Page - Diodes Incorporated AP43771 Datasheet HTML 8Page - Diodes Incorporated AP43771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
2 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Typical Applications Circuit
CY1
R 4
R 8
C6
C3
C8
T1
U2
R19
C9
GND
GATE
FB
SENSE
VCC-IN
PWM IC
U1
Q 1
D7
R 6
R7
DEM
C4
9
6
8
2
5
R18
3
DRISR
VCC
GND
VDD
AREF
VDET
1
2
3
4
5
6
R20
C12
Q2
U3
C7
C13
HV
VCC
CTRL
RT1
1
4
7
SR IC
CC1
GND
AP 43771
OCDRV
VCC
C15
U4
CC2
V5V
PWR_EN VBUS
VFB
IFB
OTP
ISENP
RT2
C16
C18
C19
R 22
C20
R25
C11
DN
DP
Vo
GND
CON1
Q3
CC2
CC1
D+
D -
AC
R11
D5
F1
C5
NTC1
R10
BD1
C2
L2
R14
D6
C1
R15
C10
R13
R12
L1
R2
L 3
Pin Descriptions
Pin Number
Pin Name
Function
1
VBUS
Output Terminal for Discharge Path.
2
PWR_EN
External NMOS Gate Driver. To control External MOS switch, 1: To enable VBUS voltage
0: Disconnect VBUS.
3
VCC
The Power Supply of the IC, connected to a ceramic capacitor.
4
ISENP
Input Current Sense Positive Node.
5
OCDRV
CC/CV Output. Open Drain Output for Opto-Coupler.
6
GND
Ground
7
OTP
Source Current to External NTC Sensor for OTP (Over Temperature Protection). Current amplitude
is programmable.
8
VFB
CV Input. Negative Node of CV OPAMP for Opto-Coupler.
9
IFB
CC Input. Negative Node of CC OPAMP for Opto-Coupler.
10
CC2
Type-C_CC2
11
CC1
Type-C_CC1
12
DN
Type-C_DN
13
DP
Type-C_DP
14
V5V
LDO-5V Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com