Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT15C01 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DT15C01
Description  15 AMP SILICON BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DT15C01 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DT15C01 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Data Sheet No. BDTC-1500-1A
MECHANICAL SPECIFICATION
15 AMP SILICON BRIDGE RECTIFIERS
DIOTEC ELECTRONICS CORP.
SERIES DT15C00 - DT15C10
E33
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
SURGE OVERLOAD RATING TO 300 AMPS PEAK
IDEAL FOR PRINTED CIRCUIT BOARD APPLICATIONS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
UL RECOGNIZED - FILE #E124962
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
1.17
29.7
30.3
1.19
C
C1
3.6
0.142
0.157
19.7
0.776
C2
D
D1
D2
0.173
0.189
4.4
4.8
0.799
20.3
13.2
13.8
0.520
0.543
3.8
4.2
0.126
0.165
D3
D4
0.425
10.8
11.2
0.441
0.122
0.130
3.1
3.3
4.0
0.303
0.031
0.114
0.402
MAX
7.7
0.6
0.8
0.024
2.5
2.9
0.098
7.3
0.287
10.2
9.8
0.386
A
B1
B
B2
0.043
1.1
0.9
0.035
B3
MILLIMETERS
INCHES
MIN
MIN
MAX
SYM
RoHS COMPLIANT
MECHANICAL DATA


Similar Part No. - DT15C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DT15 ETC2-DT15 Datasheet
208Kb / 1P
QUARTZ CRYSTAL RESONATOR
logo
Yuechung International ...
DT15 YIC-DT15 Datasheet
169Kb / 1P
DT38,DT26,DT15 Series: Tuning Fork Cylinder Quartz Crystal
logo
TE Connectivity Ltd
DT15-08PA TEC-DT15-08PA Datasheet
5Mb / 164P
CONNECTOR SELECTOR
DT15-08PA-G003 TEC-DT15-08PA-G003 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
DT15-08PB TEC-DT15-08PB Datasheet
5Mb / 164P
CONNECTOR SELECTOR
More results

Similar Description - DT15C01

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DB1500P DEC-DB1500P Datasheet
476Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
DB1500 DEC-DB1500 Datasheet
462Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRDB-1500P-1C DEC-BRDB-1500P-1C Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB1505W GWSEMI-MB1505W Datasheet
66Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
15DBP DEC-15DBP Datasheet
138Kb / 2P
15 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com