Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63301 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP63301
Description  3.8V TO 32V INPUT, 3A LOW IQ SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP63301 Datasheet HTML 8Page - Diodes Incorporated AP63301 Datasheet HTML 9Page - Diodes Incorporated AP63301 Datasheet HTML 10Page - Diodes Incorporated AP63301 Datasheet HTML 11Page - Diodes Incorporated AP63301 Datasheet HTML 12Page - Diodes Incorporated AP63301 Datasheet HTML 13Page - Diodes Incorporated AP63301 Datasheet HTML 14Page - Diodes Incorporated AP63301 Datasheet HTML 15Page - Diodes Incorporated AP63301 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
AP63300/AP63301
Document number: DS42002 Rev. 3 - 2
12 of 22
www.diodes.com
August 2019
© Diodes Incorporated
AP63300/AP63301
Typical Performance Characteristics (AP63301 at TA = +25°C, VIN = 12V, VOUT = 5V, unless otherwise specified.)
(continued)
Figure 30. fsw vs. Temperature, IOUT = 0A
Figure 31. fsw vs. Load
Figure 32. Output Voltage Ripple, IOUT = 50mA
Figure 33. Output Voltage Ripple, IOUT = 3A
475
480
485
490
495
500
505
510
515
520
525
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0
60
120
180
240
300
360
420
480
540
600
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VOUT (20mV/div)
IL (1A/div)
VSW (10V/div)
5μs/div
VOUT (20mV/div)
IL (1A/div)
VSW (10V/div)
5μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com