Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP65455 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP65455
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65455 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP65455 Datasheet HTML 7Page - Diodes Incorporated AP65455 Datasheet HTML 8Page - Diodes Incorporated AP65455 Datasheet HTML 9Page - Diodes Incorporated AP65455 Datasheet HTML 10Page - Diodes Incorporated AP65455 Datasheet HTML 11Page - Diodes Incorporated AP65455 Datasheet HTML 12Page - Diodes Incorporated AP65455 Datasheet HTML 13Page - Diodes Incorporated AP65455 Datasheet HTML 14Page - Diodes Incorporated AP65455 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AP65455
Document number: DS37994 Rev. 3 - 4
13 of 15
www.diodes.com
October 2018
© Diodes Incorporated
AP65455
PART OBSOLETE - NO ALTERNATE PART
Ordering Information (Note 9)
AP65455 XX - 7
Packing
Package
FN : U-DFN3030-10
7 : Tape & Reel
Part Number
Package Code
Package
Identification Code
Tape and Reel
Quantity
Part Number Suffix
AP65455FN-7
FN
U-DFN3030-10
TK
3,000/Tape & Reel
-7
Note:
9. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
U-DFN3030-10
( Top View )
Y W X
XX
XX : Identification Code
X : Internal Code
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AP65455FN-7
U-DFN3030-10
TK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com