Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT040H65G3SAG Datasheet(PDF) 9 Page - STMicroelectronics

Part # SCT040H65G3SAG
Description  Automotive-grade silicon carbide Power MOSFET 650 V, 40 m typ., 30 A in an H2PAK-7 straight leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT040H65G3SAG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SCT040H65G3SAG Datasheet HTML 4Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 5Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 6Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 7Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 8Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 9Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 10Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 11Page - STMicroelectronics SCT040H65G3SAG Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Table 8. H²PAK-7 straight leads package mechanical data
Dim.
mm
Min.
Max.
A
4.20
4.70
C
1.20
1.40
e
2.30
2.70
e1
4.88
5.28
e2
7.42
7.82
E
0.41
0.56
E1
2.37
2.77
F
0.50
0.70
F1
0.64
0.84
H
10.00
10.40
H1
7.48
7.88
L
16.27
16.87
L1
1.23
1.49
L2
6.03
6.43
L3
6.92
7.32
SCT040H65G3SAG
H²PAK-7 straight leads package information
DS13933 - Rev
page 9/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com