Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB47N50DM6AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB47N50DM6AG
Description  Automotive-grade N-channel 500 V, 61 m typ., 38 A MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB47N50DM6AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB47N50DM6AG Datasheet HTML 6Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 7Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 8Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 9Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 10Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 11Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 12Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 13Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
21-Apr-2017
1
Initial release.
24-May-2017
2
Modified title.
Modified Table 2: "Absolute maximum ratings", Table 4: "Avalanche
characteristics", Table 5: "On/off-state", Table 6: "Dynamic", Table 7:
"Switching times", Table 8: "Source-drain diode" and Table 9: "Gatesource
Zener diode".
Minor text changes.
06-Dec-2017
3
Updated document title.
Updated Table 4: "Avalanche characteristics" and Table 5: "On/off state".
Added Section 2.1: "Electrical characteristics (curves)".
Updated Section 4: "Package information".
Minor text changes
21-05-2018
4
Removed maturity status indication from cover page. The document status is
production data.
Updated title and features list on cover page.
Minor text changes
STB47N50DM6AG
DS12118 - Rev 4
page 13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com