Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB47N60DM6AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB47N60DM6AG
Description  Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB47N60DM6AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB47N60DM6AG Datasheet HTML 7Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 8Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 9Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 10Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 11Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 12Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 13Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 14Page - STMicroelectronics STB47N60DM6AG Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
23-Mar-2017
1
Initial release.
12-Apr-2017
2
Changed status
Minor text changes.
22-May-2018
3
Removed maturity status indication from cover page.The document status is
production data.
Modified title and features on cover page.
Minor text changes.
05-Mar-2019
4
Modified Table 1. Absolute maximum ratings.
Modified Section 2 Electrical characteristics and Section 2.1 Electrical characteristics
(curves).
Minor text changes.
STB47N60DM6AG
DS12070 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com