Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD12N60DM2AG Datasheet(PDF) 13 Page - STMicroelectronics

Part # STD12N60DM2AG
Description  Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N60DM2AG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STD12N60DM2AG Datasheet HTML 7Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 8Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 9Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 10Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 11Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 12Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 13Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 14Page - STMicroelectronics STD12N60DM2AG Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Revision history
Table 11. Document revision history
Date
Revision
Changes
23-Jun-2017
1
First release.
16-Apr-2018
2
Removed maturity status indication from cover page. The document status is
production data.
Modified features table on cover page.
Modified Table 1. Absolute maximum ratings, Table 3. Avalanche characteristics,
Table 4. Static, Table 5. Dynamic, Table 6. Switching times and Table 7. Source-drain
diode.
Updated Section 2.1 Electrical characteristics (curves).
Minor text changes.
27-Jun-2018
3
Updated Section 4 Package information.
11-Nov-2019
4
Updated title and features in cover page.
Updated Table 4. Static, Section 2.1 Electrical characteristics (curves) and Section
3 Test circuits.
Minor text changes.
STD12N60DM2AG
DS12209 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com