Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N120K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 13N120K5
Description  Automotive-grade N-channel 1200 V, 0.62 typ., 12 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

13N120K5 Datasheet(HTML) 5 Page - STMicroelectronics

  13N120K5 Datasheet HTML 1Page - STMicroelectronics 13N120K5 Datasheet HTML 2Page - STMicroelectronics 13N120K5 Datasheet HTML 3Page - STMicroelectronics 13N120K5 Datasheet HTML 4Page - STMicroelectronics 13N120K5 Datasheet HTML 5Page - STMicroelectronics 13N120K5 Datasheet HTML 6Page - STMicroelectronics 13N120K5 Datasheet HTML 7Page - STMicroelectronics 13N120K5 Datasheet HTML 8Page - STMicroelectronics 13N120K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG080220191517SOA
101
100
10-1
10-2
10-1
100
101
102
103
ID
(A)
VDS (V)
Operation in this area
is limited by RDS(on)
tp = 10 μs
tp = 1 ms
tp = 10 ms
tp = 100 μs
T j ≤ 150 °C
T c = 25°C
Single pulse
Figure 2. Normalized transient thermal impedance
GC20540
Figure 3. Typical output characteristics
ID
15
5
0
0
5
VDS(V)
10
(A)
15
6V
7V
VGS=9, 10V
10
20
8V
GIPD300320151056MT
Figure 4. Typical transfer characteristics
ID
20
10
0
5
7
VGS(V)
9
(A)
6
8
5
15
VDS=20V
GIPD300320151057MT
Figure 5. Typical gate charge characteristics
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
30
40
10
VDD=960V
ID=12A
600
400
200
0
800
1000
VDS
10
VDS
(V)
GIPD300320151058MT
Figure 6. Typical drain-source on-resistance
GIPD300320151223MT
RDS(on)
0.62
0.58
0.54
0
10
ID(A)
(Ω)
5
15
0.66
VGS=10V
0.7
0.74
0.78
20
0
STH13N120K5-2AG
Electrical characteristics (curves)
DS12917 - Rev 5
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com