Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDB604 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # FDB604
Description  6 AMP FAST RECOVERY BRIDGE RECTIFIERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

FDB604 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  FDB604 Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Data Sheet No. FRDB-600-1B
MECHANICAL SPECIFICATION
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
PRV Ratings from 50 to 1000 Volts
Surge overload rating to 250 Amps peak
Reliable low cost molded plastic construction
Ideal for printed circuit board applications
Fast switching for high efficiency
G9
ACTUAL SIZE OF
FDB PACKAGE
BH
LL
LD
D1
D1
BL
BL
+
_
INCHES
MILLIMETERS
MIN
5.8
10.3
14.7
SYM
BL
BH
D1
MAX
MAX
6.9
11.3
15.7
MIN
0.58
0.23
0.405
0.62
0.27
0.445
LL
LD
1.0
1.1
0.039
0.042
0.75
19.0
n/a
n/a
DT
FDB606
+
_
SERIES FDB600 - FDB610
UL RECOGNIZED - FILE #E124962
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Average Forward Rectified Current @ T = 50 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
FDB
FDB
RATINGS
UNITS
VOLTS
FDB
FDB
FDB
FDB
FDB
50
100
200
400
1000
35
70
140
280
700
6
Peak Forward Surge Current (8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage (Per bridge Element) at 3 Amps DC
VOLTS
AMPS
V
I
250
1.3
Maximum Average DC Reverse Current At Rated
DC Blocking Voltage (Per Bridge Element-Note 2)
I
A
@ T = 25 C
@ T = 100 C
10
1
T
R
°C/W
8
Typical Thermal Resistance, Junction to Case (Note 2)
Junction Operating and Storage Temperature Range
T T
°C
-55 to +150
600
800
50
100
200
400
1000
600
800
420
560
600
601
602
604
606
608
610
Maximum Reverse Recovery Time (Note 1)
200
300
500
nS
Thermal Energy (Rating for Fusing, t < 8.3 mS)
I t
60
AMPS
SEC
mA
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Case:
Terminals: Round silver plated copper pins
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case; positive lead at beveled corner
Mounting Position: Any. Through hole provided for #6 screw
Weight: 0.13 Ounces (3.6 Grams)
Molded Epoxy (UL Flammability Rating 94V-0)
MECHANICAL DATA
RoHS COMPLIANT


Similar Part No. - FDB604

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6021P FAIRCHILD-FDB6021P Datasheet
80Kb / 5P
20V P-Channel 1.8V Specified PowerTrench MOSFET
FDB6030 FAIRCHILD-FDB6030 Datasheet
401Kb / 10P
N-Channel Logic Level PowerTrench MOSFET
FDB6030 FAIRCHILD-FDB6030 Datasheet
473Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDB6030BL FAIRCHILD-FDB6030BL Datasheet
401Kb / 10P
N-Channel Logic Level PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDB6030BL ISC-FDB6030BL Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FDB604

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB300 DEC-FDB300 Datasheet
256Kb / 1P
3 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FSB200 DEC-FSB200 Datasheet
233Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB2500P DEC-FDB2500P Datasheet
459Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDB3500P DEC-FDB3500P Datasheet
451Kb / 2P
35 AMP FAST RECOVERY BRIDGE RECTIFIERS
BFSB-200-1B DEC-BFSB-200-1B Datasheet
235Kb / 1P
2 AMP FAST RECOVERY BRIDGE RECTIFIERS
1-5FWB DEC-1-5FWB Datasheet
76Kb / 2P
1.5 AMP FAST RECOVERY BRIDGE RECTIFIERS
06FDB DEC-06FDB Datasheet
256Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
25FDBP DEC-25FDBP Datasheet
462Kb / 2P
25 AMP FAST RECOVERY BRIDGE RECTIFIERS
FRDB-600-1B DEC-FRDB-600-1B Datasheet
256Kb / 1P
6 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com