Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73S8024C-IL/F Datasheet(PDF) 2 Page - Teridian Semiconductor Corporation

Part # 73S8024C-IL/F
Description  Smart Card Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8024C-IL/F Datasheet(HTML) 2 Page - Teridian Semiconductor Corporation

  73S8024C-IL/F Datasheet HTML 1Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8024C-IL/F Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
73S8024C Data Sheet
DS_8024C_023
2
Rev. 1.3
FUNCTIONAL DIAGRAM
Pin number reference to SO28 Package
Figure 1: 73S8024C Block Diagram
ICC I/O BUFFERS
VDD VOLTAGE SUPERVISOR
VOLTAGE REFERENCE
XTAL
OSC
CLOCK
GENERATION
DIGITAL
CIRCUITRY
&
FAULT LOGIC
VDD FAULT
VCC FAULT
Int_Clk
VDD
VDD
VCC
RST
CLK
PRES
PRES
XTALIN
XTALOUT
CLKDIV1
CLKDIV2
GND
TEMP FAULT
NC
1
2
3
5
6
7
9
10
11
12
13
14
15
17
16
21
20
19
18
26
25
24
23
28
27
ISO-7816-3
SEQUENCER
R-C
OSC.
DC-DC
CONVERTER
ICC RESET
BUFFER
ICC CLOCK
BUFFER
OVER
TEMP
PWRDN
I/O
AUX1
AUX2
IOUC
AUX1UC
AUX2UC
VDDF_ADJ
RSTIN
CMDVCC
5V/
#V
OFF
8
GND
4
6
LIN
6
22
GND
ICC FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com